Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2878PCBA-D Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2878PCBA-D
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878PCBA-D Datasheet(HTML) 2 Page - RF Micro Devices

  RF2878PCBA-D Datasheet HTML 1Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 2Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 3Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 4Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 5Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 6Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 7Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 8Page - RF Micro Devices RF2878PCBA-D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 14
RF2878
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage, VCC
-0.5 to +8.0
V
DC
Power Down Voltage, VPD
<VCC
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
150 to 2500
MHz
Low Noise Amplifier
881MHz Performance
Schematic per LNA Application;
T=25°C, RF=881MHz, VPD=2.8V,
R1=1k
Ω
Gain
19.5
20
dB
VCC=3.0V, ICC=7.6mA
19.5
20
dB
VCC=2.7V, ICC=7.5mA
Noise Figure
1.4
1.6
dB
VCC=3.0V, ICC=7.6mA
1.4
1.6
dB
VCC=2.7V, ICC=7.5mA
Input IP3
+6.0
dBm
VCC=3.0V, ICC=7.6mA
+5.5
dBm
VCC=2.7V, ICC=7.5mA
Low Noise Amplifier
1950MHz Performance
Schematic per LNA Application;
T=25°C, RF=1950MHz, VPD=2.8V, R1=1kΩ
Gain
12.5
13
dB
VCC=3.0V, ICC=6.4mA
12.5
13
dB
VCC=2.7V, ICC=6.3mA
Noise Figure
1.3
1.5
dB
VCC=3.0V, ICC=6.4mA
1.3
1.5
dB
VCC=2.7V, ICC=6.3mA
Input IP3
+16.5
dBm
VCC=3.0V, ICC=6.4mA
+16.0
dBm
VCC=2.7V, ICC=6.3mA
Driver Amplifier
836MHz Performance
Schematic per Driver Amplifier Application;
T=25°C, RF=836MHz, VPD=2.8V
Gain
19.5
20.5
21.5
dB
VCC=3.5V
19.5
20.5
21.5
dB
VCC=3.0V
19.5
20.5
21.5
dB
VCC=2.7V
Output IP3
25
+32.0
35
dBm
VCC=3.5V
+29.0
dBm
VCC=3.0V
+27.8
dBm
VCC=2.7V
Noise Figure
1.9
2.0
dB
VCC=3.5V
1.85
2.0
dB
VCC=3.0V
1.8
2.0
dB
VCC=2.7V
Reverse Isolation
25
dB
VCC=3.5V
25
dB
VCC=3.0V
25
dB
VCC=2.7V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com