Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR640CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MUR640CT
Description  Super Fast Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MUR640CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MUR640CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MUR640CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Super Fast Rectifier Diode
MUR640CT
www.iscsemi.com
1
FEATURES
· Glass Passivated Junction
· Superfast Recovery Time for High Efficiency
· Lead Free Finish/RoHS Compliant
APPLICATIONS
· Switch Mode Power Supplies (SMPS)
· PFC
· Choppers Motor Drives
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
400
V
IF(AV)
Average Rectified Forward Current
3×2
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms, Half Sine)
60
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.5
℃
/W


Similar Part No. - MUR640CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR640CT MCC-MUR640CT Datasheet
92Kb / 2P
6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Shanghai Lunsure Electr...
MUR640CT CHENYI-MUR640CT Datasheet
344Kb / 2P
6Amp super fast glass passivated rectifier 50to600 volts
logo
Kersemi Electronic Co.,...
MUR640CT KERSEMI-MUR640CT Datasheet
814Kb / 2P
6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Jinan Jing Heng Electro...
MUR640CT JINGHENG-MUR640CT Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
New Jersey Semi-Conduct...
MUR640CT NJSEMI-MUR640CT Datasheet
94Kb / 1P
Glass passivated chip
More results

Similar Description - MUR640CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
Super Fast Recovery Rectifier Diode
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
Super Fast Recovery Rectifier Diode
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com