Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2722PCBA-41X
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF2722PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2722PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Receiver System, cont’d
Cascaded IIP2 (VLIF Improvement
not included)
1 tone (IIP21)/2 tone (IIP21)
LNA_BYP=0
Low Band (850/950MHz)
50
58
dBm
1 tone
44
52
dBm
2 tone
High Band (1850/1950MHz)
50
58
dBm
1 tone
44
52
dBm
2 tone
Cascaded P1dB
Low Band (850/950MHz)
-22
-20
dBm
Minimum Gain
High Band (1850/1950MHz)
-23
-21
dBm
Minimum Gain
Cascaded Gain
Low Band (850/950MHz)
54.5
57.5
60.5
dB
LNA_BYP=0;
Polyphase Gain=0/12.6/7.4/1/8.4dB
High Band (1850/1950MHz)
53.5
56.5
59.5
dB
LNA_BYP=0;
Polyphase Gain=0/12.6/7.4/1/8.4dB
Gain Compression with 3MHz
Blocker
Low Band (850/950MHz)
1.5
dB
+25°C; LNA_BYP=0; -26dBm at LNA input,
with gain settings for a -99dBm wanted signal.
High Band (1850/1950MHz)
1.0
dB
+25°C; LNA_BYP=0; -29dBm at LNA input,
with gain settings for a -99dBm wanted signal.
LNA Gain Step
Low Band (850/950MHz)
15
16
17
dB
LNA_BYP=1
High Band (1850/1950MHz)
17
18
19
dB
LNA_BYP=1
LO Leakage
Low Band (850/950MHz)
-110
-100
dBm
At the LNA input.
High Band (1850/1950MHz)
-110
-100
dBm
At the LNA input.
2LO Suppression
LNA_BYP=0
Low Band (850/950MHz)
-22
-20
dB
High Band (1850/1950MHz)
-24
-22
dB
3LO Suppression
LNA_BYP=0
Low Band (850/950MHz)
-6
-4
dB
High Band (1850/1950MHz)
-16
-14
dB
5LO Suppression
LNA_BYP=0
Low Band (850/950MHz)
-22
-20
dB
High Band (1850/1950MHz)
-45
-43
dB
Image Balance
Low Band (850/950MHz)
32
36
dB
High Band (1850/1950MHz)
32
36
dB
LNA Input Impedance
Low Band (850/950MHz)
82-j156
Ω
High Band (1850/1950MHz)
38-j66
Ω
LNA Input Return Loss
Low Band (850/950MHz)
-10
dB
With external match to 100
Ω
High Band (1850/1950MHz)
-10
dB
With external match to 100
Ω
Absolute Gain Accuracy
-3.2
+3.2
dB
For any recommended AGC setting across fre-
quency and temperature in a single band, for
power levels between -110dBm and -48dBm,
assuming 1 gain calibration point per band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com