Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG-6 Datasheet(PDF) 3 Page - IDEAL INDUSTRIES, INC.

Part # RG-6
Description  Stripmaster® Wire Strippers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

RG-6 Datasheet(HTML) 3 Page - IDEAL INDUSTRIES, INC.

  RG-6 Datasheet HTML 1Page - IDEAL INDUSTRIES, INC. RG-6 Datasheet HTML 2Page - IDEAL INDUSTRIES, INC. RG-6 Datasheet HTML 3Page - IDEAL INDUSTRIES, INC. RG-6 Datasheet HTML 4Page - IDEAL INDUSTRIES, INC. RG-6 Datasheet HTML 5Page - IDEAL INDUSTRIES, INC. RG-6 Datasheet HTML 6Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
StripmaSter® Wire StripperS
StripmaSter® Wire StripperS
Custom Stripmaster® Wire Strippers
• Strips 30 through 10 AWG solid or stranded wire
• Mil-spec die-type blades allow precision stripping
• Inner cutting hole sized to conductor and counter-bored holes sized to insulation
• Replaceable grippers
• Optional short stop-latch and transparent wire stop
• Cushioned, comfort grip handles
• Engineering service and made-to-order blades available.
Contact factory for complete product and blade number listing.
Gripper pads hold the wire securely in
a centerline relationship with the blade.
Die-type blades incorporate a counter-bored hole sized
to the insulation and an inner cutting hole sized to the
conductor. This varies depending on insulation type and
thickness.
Custom Stripmaster® Wire Strippers and Die-Type Blades
Wire Size AWG
Stripper
Cat. No.
Blade Only
Cat. No.
10
12
14
16
18
20
22
24
26
28
30
For MIL16878 Type E (600V)
.119/.136
.096/.113
.076/.0985
45-176
L-5559
.061/.081
.052/.070
.042/.0595
.034/.052
.028/.043
.026/0.39
45-177
L-5560
.023/.039
.019/.035
.016/.032
45-178
L-5561
For MIL16878 Type EE (1000V)
.119/.144
.096/.125
.076/.104
45-173
L-5562
.061/.089
.042/.067
.034/.0595
.028/.055
.023/.0465
45-174
L-5563
.052/.0785
.023/.0465
.019/.043
.016/.042
45-175
L-5564
For Other Misc. Insulations
.116/.154
.0937/.138
.076/.113
45-170
L-5210
.062/.096
.052/.086
.042/.073
.035/.0635 .0292/.0595
.022./052
45-171
L-5211
.024/.043
.020/.040
.016/.037
45-172
L-5436
Other Thin Insulations
Three identical holes
.012./020
45-179
L-7625
Solid Wires
.024/.033
.018/.025
.014/.023
.012/.019
45-169
L-9300
Tolerances: Cutter Dia.: ± .001; Counter-bore Dia.: ± .002. The 45-170 Series is a Custom Stripmaster® Wire Stripper frame without the short stop latch and wire stop.
Specifications – Cutting Hole Diameter in Inches
Counterbore Diameter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com