Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9282B3FD Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9282B3FD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B3FD Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9282B3FD Datasheet HTML 1Page - Torex Semiconductor XC9282B3FD Datasheet HTML 2Page - Torex Semiconductor XC9282B3FD Datasheet HTML 3Page - Torex Semiconductor XC9282B3FD Datasheet HTML 4Page - Torex Semiconductor XC9282B3FD Datasheet HTML 5Page - Torex Semiconductor XC9282B3FD Datasheet HTML 6Page - Torex Semiconductor XC9282B3FD Datasheet HTML 7Page - Torex Semiconductor XC9282B3FD Datasheet HTML 8Page - Torex Semiconductor XC9282B3FD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC9281/XC9282
Series
■PRODUCT CLASSIFICATION
1) Ordering Information
XC9281①②③④⑤⑥-⑦ PWM Control
XC9282①②③④⑤⑥-⑦ PWM/PFM Automatic switching control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
B
②③
Output Voltage
07 ~ 36
Output voltage options
e.g. 1.2V → ②=1, ③=2
1.25V → ②=1, ③=C
0.05V increments : 0.05=A, 0.15=B, 0.25=C,
0.35=D, 0.45=E, 0.55=F, 0.65=H, 0.75=K, 0.85=L,
0.95=M
④
Oscillation Frequency
D
4.0MHz
E
6.0MHz
⑤⑥-⑦(*1)
Packages (Order Unit)
1R-G
LGA-6B01 (5,000pcs/Reel)
0R-G
WLP-5-06 (5,000pcs/Reel)
2) Selection Guide
TYPE
OUTPUT
VOLTAGE
CHIP ENABLE
CL AUTO-
DISCHARGE
UVLO
A
Fixed
Yes
No
Yes
B
Fixed
Yes
Yes
Yes
TYPE
SOFT-START
TIME
CURRENT
LIMIT
AUTOMATIC
RECOVERY
(CURRENT LIMIT)
A
Fixed
Yes
Yes
B
Fixed
Yes
Yes
(*1)
The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com