Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTSP2 Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # MPTSP2
Description  Stainless steel probes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

MPTSP2 Datasheet(HTML) 1 Page - IDEAL-TEK SA

  MPTSP2 Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
Ideal-tek.com
REV.00
SPAREXYQ
Product code:
MPTSP2
Product type:
Stainless steel probes
Made in:
Pakistan
Description:
MPTSP2 Stainless steel probe is suitable to scrape hard components. With its single tip
rounded body, the MPTSP2 is an auxiliary tool used for soldering, inspecting and gluing. The
pointed tip allows access in small working areas. The bent geometry provides maximum
visibility and increased ergonomics. Stainless Steel probes are rust-free and equipped with
knurled handles which prevent any possible slips.
Tip description:
angled needle
Body material:
Stainless Steel (S)
Picture:
Product dimensions:
OAL
155.0 mm – 6.102 inch
Width
6.0 mm – 0.236 inch
Height
7.0 mm – 0.276 inch
a
Tip (1) dimensions:
Tip width
0.3 mm – 0.012 inch
Tip thickness 0.3 mm – 0.012 inch
Tip (1) details:


Similar Part No. - MPTSP2

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
MPTSP1 IDEAL-TEK-MPTSP1 Datasheet
196Kb / 1P
Stainless steel probes
REV.00
More results

Similar Description - MPTSP2

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com