Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP04SI-2HT Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # SL23EP04SI-2HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04SI-2HT Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button SL23EP04SI-2HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP04SI-2HT Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev 1.1, May 25, 2007
Page 7 of 14
SL23EP04
DC Electrical Characteristics (I-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
CLKIN and FBK
–
–
0.8
V
Input HIGH Voltage
VINH
CLKIN and FBK
2.0
–
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
CLKIN and FBK
–25
50
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
CLKIN and FBK
–25
50
µA
IOL = 8 mA ( -1, -2 drives)
–
–
0.4
V
Output LOW Voltage
VOL
IOL = 12 mA ( -1H, -2H drives)
–
–
0.4
V
IOH = –8 mA (-1, -2 drives)
2.4
–
–
V
Output HIGH Voltage
VOH
IOH = –12 mA ( -1H, -2H drives)
2.4
–
–
V
Power Down Supply
Current
IDDPD
Measured when CLKIN= GND to VDD
or floating
–12
18
µA
Power Supply Current
IDD1
All Outputs CL=0, 33.3 MHz CLKIN
All versions
–12
17
mA
Power Supply Current
IDD2
All Outputs CL=0, 66.6 MHz CLKIN
All versions
–14
20
mA
Power Supply Current
IDD3
All Outputs CL=0, 133.3 MHz CLKIN
All versions
–16
22
mA
Power Supply Current
IDD4
All Outputs CL=0, 166.6 MHz CLKIN
All versions
–18
25
mA
Pull-down Resistors
RPD
Pin-1, 2, 3, 5 and 6
125
250
375
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com