Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2705G Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2705G Datasheet HTML 3Page - RF Micro Devices RF2705G Datasheet HTML 4Page - RF Micro Devices RF2705G Datasheet HTML 5Page - RF Micro Devices RF2705G Datasheet HTML 6Page - RF Micro Devices RF2705G Datasheet HTML 7Page - RF Micro Devices RF2705G Datasheet HTML 8Page - RF Micro Devices RF2705G Datasheet HTML 9Page - RF Micro Devices RF2705G Datasheet HTML 10Page - RF Micro Devices RF2705G Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7 of 26
RF2705G
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Spurious Outputs
FLO/2 Mode
Spurious Outputs at Integer
Harmonics of 1/2xFLOHB*
GC=2.0V, I/Q=800mVP-P at 100kHz
FLO HB
-62.0
dBm
Second harmonic of carrier and LO leakage
(3/2)xFLO LB
-19.0
dBm
Third harmonic of carrier
Output Compression
Output P1dB*
+7.0
dBm
I/Q=100kHz
Output Performance with CW Baseband Inputs
Low Band Mode (GSM850/GSM900), cont’d
Mode=Low Band FLOx1 (see Control Logic Truth Table for Mode Control
Settings)
Intermodulation
Output IP3*
+20.0
dBm
GC=2.0V. Extrapolated from IM3 with two
baseband tones at 90kHz and 110kHz applied
differentially, in quadrature, at both I and Q
inputs, each tone 400mVP-P.
Intermodulation IM3 tone at
FC+70kHz and FC+130kHz
relative to tones at
FC+90kHz and FC+110kHz
-48
dBc
GC=2.0V
Low Band Bypass Mode (GSM850/GSM900)
Mode=Low Band Bypass (see Control Logic Truth Table for Mode
Control Settings)
PA Driver
VCC=2.7V
GMSK Input Power*
-3
0
+3
dBm
At LO LB input from a 50
Ω source.
GMSK Output Power
5.0
7.5
10.0
dBm
At RF LB output
Output Impedance*
50
Ω
Output Noise
At FC±20MHz*
-161
-159
dBc/Hz
AM+PM noise, LO=0dBm
* Not tested in Production
** Provides the same output power as modulated signal with associated crest factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com