Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-920 Datasheet(PDF) 5 Page - IDEAL INDUSTRIES, INC.

Part # LB-920
Description  Stripmaster® Wire Strippers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

LB-920 Datasheet(HTML) 5 Page - IDEAL INDUSTRIES, INC.

  LB-920 Datasheet HTML 1Page - IDEAL INDUSTRIES, INC. LB-920 Datasheet HTML 2Page - IDEAL INDUSTRIES, INC. LB-920 Datasheet HTML 3Page - IDEAL INDUSTRIES, INC. LB-920 Datasheet HTML 4Page - IDEAL INDUSTRIES, INC. LB-920 Datasheet HTML 5Page - IDEAL INDUSTRIES, INC. LB-920 Datasheet HTML 6Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
StripmaSter® Wire StripperS
Short stop-latch protects wire strands by
limiting the stripping stroke to 5/32 in. and
retains the slug until the wire is ready
for terminating.
Transparent wire stop provides
uniform stripping length.
Gripper pads are available in your choice of
either parallel, file or grit-type. File-type pads
may be used on hard-to-grip insulations.
Replacement Frame Assemblies
Optional Accessories
For Custom Stripmaster® and Custom Steel Stripmaster® Wire
Strippers
Surface
Type
Gripper Set*
Cat. No.
Movable Gripper
Cat. No.
Stationary Gripper
(Thickness)
Grit**
LB-197
L-5212
L-5215 (.129 in.)
Grit**
LB-198
L-5212
L-5217 (.156 in.)
File
LB-721
LB-718
LB-719 (.129 in.)
File
LB-722‡
LB-718
LB-720 (.156 in.)
Parallel
LB-730
LB-727
LB-728 (.129 in.)
Parallel
LB-731
LB-727
LB-729 (.156 in.)
For Custom Stripmaster® Lite Wire Strippers
Surface
Type
Gripper Set*
Cat. No.
Movable Gripper
Cat. No.
Stationary Gripper
(Thickness)
Grit*
LB-1188
LB-882
LB-883 (.109 in.)
File
LB-1189
LB-1184
LB-1185 (.109 in.)
Parallel
LB-1190
LB-1186
LB-1187 (.109 in.)
* Gripper Set includes one movable gripper, one stationary gripper.
** Grit pads are standard for most Custom Stripmaster® and Custom
Stripmaster® Lite products.
‡ These are for use on hard-to-grip surfaces.
Gripper pad selection depends on insulation type and user preference.
Note: For 10-14 AWG, use .129 in. stationary gripper. For 16-30 AWG, use .156
in. gripper.
Replacement Gripper Pads
Short Stop-Latch
Cat. No.
For Custom & Custom Steel Stripmaster® Wire Strippers
L-5269
For Custom Stripmaster® Lite Wire Strippers
LB-1194
Transparent Adjustable Wire Stop Assembly
Cat. No.
For Custom & Custom Steel Stripmaster® Wire Strippers
L-5270
For Custom Stripmaster® Lite Wire Strippers
LB-1195
For Custom Steel Stripmaster® Wire Strippers
Cat. No.
Frame only, 10-14 AWG
LB-1091
Frame only, 16-30 AWG
LB-1092
Frame only, 10-14 AWG, internal spring (see note)
LB-1090
Frame only, 16-30 AWG, internal spring (see note)
LB-1089
Note: Frames with internal springs allow additional blade penetration pressure
for difficult and multi-layered insulation types.
For Custom Stripmaster® Lite Wire Strippers
Cat. No.
Frame only
LB-895
Frame only, Wire Stop and Latch
LB-896
For Custom Stripmaster® Wire Strippers
Cat. No.
Frame only, 10-14 AWG
L-5616
Frame only, 16-30 AWG
L-5617
Frame only, 10-14 AWG, Wire Stop and Latch
L-5618
Frame only, 16-30 AWG, Wire Stop and Latch
L-5619
Frame only, 10-14 AWG, internal spring (see note)
L-9039
Frame only, 16-30 AWG, internal spring (see note)
L-9038
Note: Frames with internal springs allow additional blade penetration pressure for
difficult and multi-layered insulation types.
.156
Stationary Gripper for
Black Handle Units
For 16 thru 30 AWG wire.
Stationary Gripper for Red
Handle Units
For 10, 12 & 14 AWG Wire
L-5215
.129
L-5217
StripmaSter® Wire StripperS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com