Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-913 Datasheet(PDF) 2 Page - IDEAL INDUSTRIES, INC.

Part # LB-913
Description  Stripmaster® Wire Strippers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

LB-913 Datasheet(HTML) 2 Page - IDEAL INDUSTRIES, INC.

  LB-913 Datasheet HTML 1Page - IDEAL INDUSTRIES, INC. LB-913 Datasheet HTML 2Page - IDEAL INDUSTRIES, INC. LB-913 Datasheet HTML 3Page - IDEAL INDUSTRIES, INC. LB-913 Datasheet HTML 4Page - IDEAL INDUSTRIES, INC. LB-913 Datasheet HTML 5Page - IDEAL INDUSTRIES, INC. LB-913 Datasheet HTML 6Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
StripmaSter® Wire StripperS
StripmaSter® Wire StripperS
• Provides uniform stripping length
• Protects wire strands by limiting
stripping stroke to 5/32 in.
• Retains slug until wire is
ready for terminating
Specifications — Stripping Hole Diameter (mm)
Cat. No.
Replacement
Blades (Pair)
Cat. No.
Replacement
Frame
Cat. No.
Wire Size mm2
0.05
0.1
0.15
0.22
0.34
0.5
0.75
1
1.5
2.5
4
6
8
10
4.3
5.0
45-090-341
L-4419M
LA-2358
1.3
1.6
1.9
2.4
3
3.6
45-092-341 or
45-292-341*
L-4421M
LA-2358
0.6
0.7
0.8
0.9
1.0
1.1
45-098-341
L-5361M
LA-2358
*Boxed
Tolerances +001 - .005
Specifications — Stripping Hole Diameter (mm)
Cat. No.
Replacement
Blades (Pair)
Cat. No.
Replacement
Frame
Cat. No.
Wire Size mm2
0.05
0.1
0.15
0.22
0.34
0.5
0.75
1
1.5
1.0
1.1
1.3
1.6
1.9
45-671-341
LB-1001M
H-2909
0.6
0.7
0.8
0.9
45-672-341
LB-1002M
H-2909
Free Application Engineering Service available. Contact IDEAL INDUSTRIES, INC. for complete information at 1-800-324-9571 or download application at
www.idealindustries.com/products/wire-processing.
Stripmaster® Wire Strippers and Knife-Type Blades for Metric Wire
Stripmaster® Lite Wire Strippers and Knife-Type Blades for Metric Wire
Coax Stripmaster® Wire Strippers and Blades
Transparent Adjustable Wire Stop Assembly
Short Stop Latch
Stripmaster® Wire Strippers with Rectangular Holes
Specifications — Stripping
Description
Coax Cable
Type (RGU)
Repl. Blade
Cat. No.
Cat. No.
Coax Stripmaster® for RG-6
RG-6
LB-740
45-262
Coax Stripmaster® for RG-58
RG-58
LB-742
45-264
Coax Stripmaster® for RG-59
RG-59
LB-743
45-265
Coax Stripmaster® for RG-6
QuadShield
RG-6
QuadShield
LA-3953
45-282
Coaxial Cables: two-step strip for termination, jacket and dielectric.
Description
Cat. No.
Replacement
Blades (Pair)
Cat. No.
For Flat Telephone Cable (.060 in. or
1.52mm)
N/A
LB-1155
For European Flat Lamp Cord
45-089
L-8762
For SP-SPT Lamp Cord
45-095*
L-4452
*Also strips 2- and 3-conductor low-voltage wire used in E.E. and Touchplate
remote control wiring system.
Optional Accessories
Cat. No.
Transparent Adjustable Wire Stop (for Stripmaster®
Wire Strippers)
L-5270
Transparent Adjustable Wire Stop (for Stripmaster®
Lite Wire Strippers)
LB-1195
Replacement Moveable Gripper
L-1953
Replacement Frame Assemblies
Cat. No.
For Stripmaster® Wire Strippers
L-5620
For Stripmaster® Lite Wire Strippers
LB-1421



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com