Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS412 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS412
Description  GaAs 0.9-3.0 GHz 4x2 Switch Matrix
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS412 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS412 Datasheet HTML 1Page - Hexawave, Inc HWS412 Datasheet HTML 2Page - Hexawave, Inc HWS412 Datasheet HTML 3Page - Hexawave, Inc HWS412 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HWS412
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
April 2004
V5
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data of Various States @ +25°C
* Isolation is recorded above insertion loss.
Insertion Loss on OUT1
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Input Return Loss
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Input Selected
Input Deselected
Insertion Loss on OUT2
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Output Return Loss
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
INA to OUT1 Isolation*
-70
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
INA to OUT2 Isolation*
-70
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com