Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2SSTV857-32 Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # CY2SSTV857-32
Description  Differential Clock Buffer/Driver DDR400/PC3200-Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV857-32 Datasheet(HTML) 4 Page - SpectraLinear Inc

  CY2SSTV857-32 Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 7Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY2SSTV857-32
Rev 1.0, November 21, 2006
Page 4 of 8
CLKIN
t
pd
Yx or FBIN
Figure 2. Propagation Delay Time tPLH, tPHL
t
C(n+1)
Yx
t
C(n)
Figure 3. Cycle-to-cycle Jitter
PLL
FBIN
FBIN#
120
Ohm
120
Ohm
CLK
CLK#
DDR -
SDRAM
120
Ohm
VTR
VCP
0.3"
= 2.5"
= 0.6" (Split to Terminator)
DDR _SDRAM
represents a capacitive load
DDR -
SDRAM
FBOUT#
FBOUT
Output load capacitance for 2 DDR-SDRAM Loads: 5 pF< CL< 8 pF
Figure 4. Clock Structure # 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com