Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS415 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS415
Description  GaAs DC-6 GHz DPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS415 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS415 Datasheet HTML 1Page - Hexawave, Inc HWS415 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS415
GaAs DC-6 GHz DPDT Switch
September 2006
V4
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+32 dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
Note:
1. DC blocking capacitors CB=8pF are required on all
RF ports.
2. Exposed pad in the bottom must be connected to
ground by via holes.
3. TX and RX ports can be used interchangeably.
Logic Table for Switch On-Path
VC1
VC2
ANT1-RX ANT1-TX ANT2-TX ANT2-RX
1
0
On
Off
On
Off
0
1
Off
On
Off
On
1
1
Off
Off
Off
Off
0
0
Off
Off
Off
Off
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V
VC1
GND
3
2
1
4
5
6
7
8
9
10
11
12
GND
VC2
GND
GND
Isolation vs Frequency
-80
-70
-60
-50
-40
-30
-20
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
Insertion Loss vs Frequency
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
Return Loss vs Frequency
-50
-40
-30
-20
-10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com