Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2SSTV8575ACT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY2SSTV8575ACT
Description  Differential Clock Buffer/Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV8575ACT Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY2SSTV8575ACT Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Differential Clock Buffer/Driver
CY2SSTV8575
Rev 1.0, November 25, 2006
Page 1 of 7
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Operating frequency: 60 MHz to 170 MHz
• Supports 266 MHz DDR SDRAM
• 5 differential outputs from 1 differential input
• Spread Spectrum compatible
• Low jitter (cycle-to-cycle): < 75
• Very low skew: < 100 ps
• Power Management Control input
• High-impedance outputs when input clock < 20 MHz
• 2.5V operation
• 32-pin TQFP JEDEC MS-026 C
Description
The CY2SSTV8575 is a high-performance, low-skew, low jitter
zero-delay buffer designed to distribute differential clocks in
high-speed applications. The CY2SSTV8575 generates five
differential pair clock outputs from one differential pair clock
input. In addition, the CY2SSTV8575 features differential
feedback
clock
outputs
and
inputs.
This
allows
the
CY2SSTV8575 to be used as a zero-delay buffer.
When used as a zero-delay buffer in nested clock trees, the
CY2SSTV8575 locks onto the input reference and translates
with near zero delay to low-skew outputs.
Block Diagram
Pin Configuration
16
2
1
12
11
15
27
28
30
31
18
19
Test and
Powerdown
Logic
PLL
5
6
21
22
FBI
N
FBIN
#
CLK
CLK#
AVDD
23
8
OE
Y0
Y0#
Y1
Y1#
Y2
Y2#
Y3
Y3#
Y4
Y4#
FBOUT
FBOUT#
TQFP-32
JEDEC MS-026 C
Y2#
Y2
VSS
VDDQ
Y1
Y1#
VSS
AVSS
VDDQ
VSS
Y4#
Y4
Y3#
Y3
VDDQ
VSS
CY2SSTV8575
12
34
56
78
24 23 22 21 20 19 18 17


Similar Part No. - CY2SSTV8575ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV8575ACT CYPRESS-CY2SSTV8575ACT Datasheet
122Kb / 8P
Differential Clock Buffer/Driver
More results

Similar Description - CY2SSTV8575ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
Differential Clock Buffer/Driver
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
200-MHz Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
Differential Clock Buffer/Driver
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
Differential Clock Buffer/Driver
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
Differential Clock Buffer/Driver
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
Differential Clock Buffer/Driver
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com