Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2516_1 Datasheet HTML 5Page - RF Micro Devices RF2516_1 Datasheet HTML 6Page - RF Micro Devices RF2516_1 Datasheet HTML 7Page - RF Micro Devices RF2516_1 Datasheet HTML 8Page - RF Micro Devices RF2516_1 Datasheet HTML 9Page - RF Micro Devices RF2516_1 Datasheet HTML 10Page - RF Micro Devices RF2516_1 Datasheet HTML 11Page - RF Micro Devices RF2516_1 Datasheet HTML 12Page - RF Micro Devices RF2516_1 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9 of 22
RF2516
Rev A17 DS060712
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
As mentioned earlier, the inductors and the varactors are tuning a differential amplifier. To tune the VCO the designer only
needs to calculate the value of the inductors connected to pins 12 and 13 (RESNTR- and RESNTR+). The inductor value is
determined by the equation:
In this equation, f is the desired operating frequency and L is the value of the inductor required. The value C is the amount of
capacitance presented by the varactors and parasitics. For calculation purposes 1.5pF should be used. The factor of one-half
is due to the inductors being in each leg. As an example, assume an operating frequency of 433MHz. The calculated value of
each inductor is 45nH. A 47nH inductor would be appropriate as the closest available value.
The setup of the VCO can be summarized as follows. First, open the loop. Next, get the VCO to run on the desired frequency by
selecting the proper inductor and capacitor values. The capacitor value will need to include the varactor and circuit parasitics.
After the VCO is running at the desired frequency, set the VCO sensitivity. The sensitivity is determined by connecting the con-
trol voltage input point to ground and noting the frequency.
Connect the same point to the supply, and again note the frequency. The difference between these two frequencies divided by
the supply voltage is the VCO sensitivity expressed in Hz/V. Increasing the inductor value while decreasing the capacitor value
will increase the sensitivity. Decreasing the inductor value while increasing the capacitor value will lower the sensitivity.
When increasing or decreasing component values, make sure that the center frequency remains constant. Finally, close the
loop.
External to the part, the designer needs to implement a loop filter to complete the PLL. The loop filter converts the output of
the charge pump into a voltage that is used to control the VCO. Internally, the VCO is connected to the charge pump output
through a 4k
Ω resistor. The loop filter is then connected in parallel to this point at pin 14 (LOOP FLT). This limits the loop filter
topology to a second order filter usually consisting of a shunt capacitor and a shunt series RC. A passive filter is most common,
as it is a low-cost and low-noise design. An additional pole could be used for reducing the reference spurs, however there is not
a way to add the series resistor. However, this should not be a reason for concern.
4 k
Ω
LOOP FLT
L
L
RESNTR+
RESNTR-
L
1
2
π f
⋅⋅
----------------
⎝⎠
⎛⎞ 2 1
C
----
1
2
---
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com