Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H74P01 Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H74P01
Description  30V P-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H74P01 Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H74P01 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H74P01 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H74P01 Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H74P01 Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H74P01 Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H74P01 Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 7: Gate-Charge Characteristics
Figure 8: Capacitance Characteristics
Figure 9: Maximum Forward Biased Safe
Figure 10: Single Pulse Power Rating
Operating Area
Junction-to-Case
Figure 11: Normalized Maximum Transient Thermal Impedance
4
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com