Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2484 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2484_1 Datasheet HTML 4Page - RF Micro Devices RF2484_1 Datasheet HTML 5Page - RF Micro Devices RF2484_1 Datasheet HTML 6Page - RF Micro Devices RF2484_1 Datasheet HTML 7Page - RF Micro Devices RF2484_1 Datasheet HTML 8Page - RF Micro Devices RF2484_1 Datasheet HTML 9Page - RF Micro Devices RF2484_1 Datasheet HTML 10Page - RF Micro Devices RF2484_1 Datasheet HTML 11Page - RF Micro Devices RF2484_1 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF2484
Rev A7 DS061115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
VCC
VREF/QREF
IREF
C8
100 nF
C7
3 pF
C6
100 nF
C5
3 pF
C2
100 nF
C1
3 pF
C3
3 pF
C4
100 nF
J2
LO
J1
RFOUT
VCC
J4
QSIG
J3
ISIG
R1a*
0
Ω
R1
0
Ω
U1
-45°
+45°
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
Σ
P1
1
2
3
CON3
P1-1
VCC
GND
GND
P2
1
2
3
CON3
P2-3
IREF
GND
P2-1
VREF/QREF
2484400-
NOTES:
1. R1 is installed for non-independent control of I and Q
reference voltages.
R1a gives independent control of reference voltages.
2. Components with * following the reference designator
should not be populated on the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com