Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS599481 Datasheet(PDF) 1 Page - Glamox

Part # ARS599481
Description  ARIS-P SINGLE WH E/Z HOSIGN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS599481 Datasheet(HTML) 1 Page - Glamox

  ARS599481 Datasheet HTML 1Page - Glamox ARS599481 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
ARIS-P SINGLE WH E/Z HO
SIGN
E / Z means that this device should be connected to an
external power source in the emergency operation mode.
The backup duration time and testing in accordance with
European requirements depend on the central system.
Lighting control, device control and luminaire test cycles
are done with the use of perimeter monitoring, via power
cables, without the individual addressing of the luminaires.
Item No.
ARS599481
GTIN
5901155994815
Stock status code
M
Technical specifications
Mounting
Product Mounting
Pendant
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
220
Total Consumption (W)
3.6
IEC Protection Class
II
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lumen Per Watt (lm/W)
100
MacAdam step
3
Energy Class Light Source
D
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
Z = central battery
Percentage Light Out In Emergency
100
Reading distance sign (m)
25
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
35
Width (mm)
262
Height (mm)
155


Similar Part No. - ARS599481

ManufacturerPart #DatasheetDescription
logo
Glamox
ARS599480 GLAMOX-ARS599480 Datasheet
220Kb / 2P
ARIS-P SINGLE WH E/Z LOSIGN
ARS599482 GLAMOX-ARS599482 Datasheet
197Kb / 3P
ARIS-P SINGLE WH E1/STLO SIGN
ARS599484 GLAMOX-ARS599484 Datasheet
197Kb / 3P
ARIS-P SINGLE WH E1/STHO SIGN
ARS599486 GLAMOX-ARS599486 Datasheet
199Kb / 3P
ARIS-P SINGLE WH E1/DALILO SIGN
ARS599488 GLAMOX-ARS599488 Datasheet
199Kb / 3P
ARIS-P SINGLE WH E1/DALIHO SIGN
More results

Similar Description - ARS599481

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8605 MALLORY-PN8605 Datasheet
81Kb / 2P
E-Z Adjust Crank Trigger Kit
logo
PHOENIX CONTACT
1402940 PHOENIX-1402940 Datasheet
93Kb / 8P
Feed-through terminal block - MBK 5/E-Z
1413036 PHOENIX-1413036 Datasheet
86Kb / 7P
Feed-through terminal block - MBK 3/E-Z
1704858 PHOENIX-1704858 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 5-P-2,5 WH
1704859 PHOENIX-1704859 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 6-P-2,5 WH
1704860 PHOENIX-1704860 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 7-P-2,5 WH
1704861 PHOENIX-1704861 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 8-P-2,5 WH
1704853 PHOENIX-1704853 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 2-P-2,5 WH
1704854 PHOENIX-1704854 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 3-P-2,5 WH
1704857 PHOENIX-1704857 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 4-P-2,5 WH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com