Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2480PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2480PCBA
Description  DIRECT QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2480PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF2480PCBA Datasheet HTML 1Page - RF Micro Devices RF2480PCBA Datasheet HTML 2Page - RF Micro Devices RF2480PCBA Datasheet HTML 3Page - RF Micro Devices RF2480PCBA Datasheet HTML 4Page - RF Micro Devices RF2480PCBA Datasheet HTML 5Page - RF Micro Devices RF2480PCBA Datasheet HTML 6Page - RF Micro Devices RF2480PCBA Datasheet HTML 7Page - RF Micro Devices RF2480PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF2480
Rev A4 DS060329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.5
V
DC
Input LO and RF Levels
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Carrier Input
T=25°C, VCC=5V
Frequency Range
800
2500
MHz
Power Level
-6
+6
dBm
Input VSWR
4.5:1
At 900MHz unmatched
2:1
At 1800MHz unmatched
2:1
At 2500MHz unmatched
Modulation Input
Frequency Range
DC
250
MHz
Reference Voltage (VREF)3.0
V
Maximum Modulation (I&Q)
VREF±1.0
V
Gain Asymmetry
0.2
dB
Quadrature Phase Error
3
°
Input Resistance
30
k
Ω
Input Bias Current
40
μA
RF Output (~800MHz)
LO=800MHz, -5dBm; SSB
Maximum Output Power
-3
0
+2
dBm
TETRA I&Q Amplitude=2VPP
Over operating temperature.
High-Linearity Output Power
-6
-5
dBm
TETRA I&Q Amplitude=1.1VPP with an ACPR of
-47dBc. Over operating temperature.
Adjacent Channel
Power Rejection
-47
-52
dBc
TETRA modulation applied with POUT=-5dBm.
Over operating temperature.
Output P1dB
+2
+3
dBm
Over operating temperature.
IM3 Suppression
-39
-40
dBc
2kHz offset (9kHz, 11kHz) at -6dBm/tone.
Over operating temperature.
IM5 Suppression
-49
-59
dBc
2kHz offset (9kHz, 11kHz) at -6dBm/tone.
Over operating temperature.
IM7 Suppression
-49
-71
dBc
2kHz offset (9kHz, 11kHz) at -6dBm/tone.
Over operating temperature.
Carrier Suppression
-25
-30
dBc
Unadjusted performance.
Sideband Suppression
-25
-30
dBc
Unadjusted performance.
Broadband Noise Floor
-150
-145
dBm/Hz
26MHz offset with TETRA signal applied
POUT=-5dBm.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com