Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4953 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4953
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4953 Datasheet(HTML) 2 Page - STMicroelectronics

  L4953 Datasheet HTML 1Page - STMicroelectronics L4953 Datasheet HTML 2Page - STMicroelectronics L4953 Datasheet HTML 3Page - STMicroelectronics L4953 Datasheet HTML 4Page - STMicroelectronics L4953 Datasheet HTML 5Page - STMicroelectronics L4953 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VSDC
DC Operating Supply Voltage
–14 to 28
V
VSTR
Transient Supply Voltage
50
V
IO
Output Current
internally limited
Top
Operating Temperature Range
–40 to 85
°C
Tstg
Storage Temperature
–55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
2
°C/W
1
2
3
4
5
6
7
9
10
11
8
STBY5V
OUT 8.25V
OUT 5V
PGND
VS
IGNOUT
IGNINP
OUT 16V
SGND
EN 8.25V
EN 5V
TAB CONNECTED TO PIN 8
13
14
15
12
EN 16V
RESET
LVW/FAULT
STCAP
D94AU054B
PIN CONNECTION (Top view)
L4953
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com