Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2133 Datasheet(PDF) 2 Page - VISATON GmbH & Co. KG

Part # 2133
Description  FR 13 WP - 4 Ohm (schwarz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2133 Datasheet(HTML) 2 Page - VISATON GmbH & Co. KG

  2133 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2133 Datasheet HTML 2Page - VISATON GmbH & Co. KG 2133 Datasheet HTML 3Page - VISATON GmbH & Co. KG 2133 Datasheet HTML 4Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Breitband-Systeme / Fullrange Systems
16.07.2013
VISATON GmbH • Ohligser Straße 29-31 • D-42781 Haan • Tel.: 02129/552-0 • Fax 02129/552-10 • E-Mail: visaton@visaton.com
Ball-resistant
Plastic: ASA (UL 94:HB; UV-/weather-proof)
Up to the standards of the Germanischer Lloyd (requirements for electrical equipment/low temperature)
Functionally at low temperature according to EN 60068-2-1 (-40 °C; 96 h)
Suitable for outdoor applications, seawater proof
 
ballwurfsicher
Kunststoff: ASA (UL 94:HB; UV-/witterungs­beständig)
erfüllt die Anforderungen des Germanischen Lloyd (Anforderungen für elektrische Betriebsmittel/Kälte)
funktionstüchtig bei tiefen Temperaturen gemäß EN 60068-2-1 (
; 96 h)
-40 °C
für Außenanwendungen geeignet, seewasserfest
Eigenschaften / Attributes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com