Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA025 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24AA025
Description  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025 Datasheet(HTML) 4 Page - Microchip Technology

  24AA025 Datasheet HTML 1Page - Microchip Technology 24AA025 Datasheet HTML 2Page - Microchip Technology 24AA025 Datasheet HTML 3Page - Microchip Technology 24AA025 Datasheet HTML 4Page - Microchip Technology 24AA025 Datasheet HTML 5Page - Microchip Technology 24AA025 Datasheet HTML 6Page - Microchip Technology 24AA025 Datasheet HTML 7Page - Microchip Technology 24AA025 Datasheet HTML 8Page - Microchip Technology 24AA025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
24AA024/24LC024/24AA025/24LC025
DS20001210Q-page 4
 2007-2022 Microchip Technology Inc. and its subsidiaries
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Extended (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock Frequency
—
100
kHz
1.7V ≤ VCC <1.8V
—
400
kHz
1.8V ≤ VCC ≤ 5.5V
2THIGH
Clock High Time
4000
—
ns
1.7V ≤ VCC <1.8V
600
—
ns
1.8V ≤ VCC ≤ 5.5V
3TLOW
Clock Low Time
4700
—
ns
1.7V ≤ VCC < 1.8V
1300
—
ns
1.8V ≤ VCC ≤ 5.5V
4TR
SDA and SCL Rise Time
—
1000
ns
1.7V ≤ VCC < 1.8V (Note 1)
—
300
ns
1.8V ≤ VCC ≤ 5.5V (Note 1)
5TF
SDA and SCL Fall Time
—
1000
ns
1.7V ≤ VCC < 1.8V (Note 1)
—
300
ns
1.8V ≤ VCC ≤ 5.5V (Note 1)
6THD:STA Start Condition Hold Time
4000
—
ns
1.7V ≤ VCC < 1.8V
600
—
ns
1.8V ≤ VCC ≤ 5.5V
7TSU:STA Start Condition Setup Time
4700
—
ns
1.7V ≤ VCC < 1.8V
600
—
ns
1.8V ≤ VCC ≤ 5.5V
8THD:DAT Data Input Hold Time
0
—
ns
(Note 2)
9TSU:DAT Data Input Setup Time
250
—
ns
1.7V ≤ VCC < 1.8V
100
—
ns
1.8V ≤ VCC ≤ 5.5V
10
TSU:STO Stop Condition Setup Time
4000
—
ns
1.7V ≤ VCC < 1.8V
600
—
ns
1.8V ≤ VCC ≤ 5.5V
11
TSU:WP WP Setup Time
4000
—
ns
1.7V ≤ VCC < 1.8V
600
—
ns
1.8V ≤ VCC ≤ 5.5V
12
THD:WP WP Hold Time
4700
—
ns
1.7V ≤ VCC < 1.8V
600
—
ns
1.8V ≤ VCC ≤ 5.5V
13
TAA
Output Valid from Clock
—
3500
ns
1.7V ≤ VCC < 1.8V (Note 2)
—
900
ns
1.8V ≤ VCC ≤ 5.5V (Note 2)
14
TBUF
Bus Free Time: Bus time must
be free before a new
transmission can start
4700
—
ns
1.7V ≤ VCC < 1.8V
1300
—
ns
1.8V ≤ VCC ≤ 5.5V
15
TSP
Input Filter Spike Suppression
(SDA and SCL pins)
—50
ns
(Note 1 and Note 3)
16
TWC
Write Cycle Time (byte or
page)
—5
ms
17
—
Endurance
1,000,000
—
cycles
25°C, VCC = 5.5V, Page mode
(Note 4)
Note 1: Not 100% tested.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com