Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD10SPZX Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD10SPZX
Description  WD™ Blue 2.5-inch PC HDD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD10SPZX Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD10SPZX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD10SPZX Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT BRIEF
D018-000390-AA03 November 2021
Specifications
2TB
1TB
500GB
320GB
320GB
Model Number¹
WD20SPZX
WD10SPZX
WD5000LPZX
WD3200LPCX
WD3200LPVX
Recording Technology2
SMR
SMR
SMR
CMR
CMR
Formatted capacity3
2TB
1TB
500GB
320GB
320GB
Form factor
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
RoHS compliant4
Yes
Yes
Yes
Yes
Yes
Performance
Interface transfer rate (max)5
Buffer to host
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
Host to/from drive (sustained)
149 MB/s (max.)
150 MB/s (max.)
150 MB/s (max.)
147 MB/s (max.)
147 MB/s (max.)
Cache (MB)
128
128
128
16
8
Performance Class
5400 RPM
5400 RPM
5400 RPM
5400 RPM
5400 RPM
Reliability/Data Integrity
Load/unload cycles6
600,000
600,000
600,000
600,000
600,000
Non-recoverable read errors per
bits read
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
Limited warranty (years)7
2
2
2
2
2
Power Management8
Average power requirements (W)
Read/Write
Idle
Standby and Sleep
1.7
0.5
0.1
1.5
0.5
0.1
1.5
0.5
0.1
1.4
0.55
0.16
1.4
0.55
0.13
Environmental Specifications
Temperature (°C)
Operating
Non-operating
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
Acoustics (dBA)
Idle
Seek (average)
23
24
19
21
19
21
17
22
17
22
Physical Dimensions
Height (in./mm, max)
0.28/7.0
0.28/7.0
0.28/7.0
0.27/6.8
0.27/6.8
Length (in./mm, max)
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
Width (in./mm, ± .01 in.)
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
Weight (lb/kg, ± 10%)
0.20/0.09
0.20/0.09
0.20/0.09
0.20/0.09
0.20/0.09
1
Not all products may be available in all regions of the world.
2
Implementation of SMR for the following products using SMR recording technology is
device-managed SMR.
3
As used for storage capacity, one gigabyte (GB) = one billion bytes and one terabyte (TB) = one
trillion bytes. Total accessible capacity varies depending on operating environment.
4
This drive is in compliance with the European Union Directive 2011/65/EU and Directive (EU)
2015/863 on the restriction of the use of certain hazardous substances (RoHS) in electrical and
electronic equipment.
5
1 MB/s = 1 million bytes per second. Based on internal testing; performance may vary depending
upon host device, usage conditions, drive capacity, and other factors.
6
Controlled unload at ambient condition.
7
The term of the limited warranty depends on the country in which the Product was purchased.
Visit our website at http://support.wdc.com/warranty/policy.asp for the detailed terms and
conditions of our limited warranty and for a list of the specific countries in these regions.
8
Power measurements at room-ambient temperature.
WD Blue™ 2.5-inch PC HDD
5601 Great Oaks Parkway
San Jose, CA 95119, USA
www.westerndigital.com
© 2021 Western Digital Corporation or its affiliates. All rights reserved. Western Digital, the Western Digital logo, F.I.T. Lab, NoTouch and WD Blue are registered
trademarks or trademarks of Western Digital Corporation or its affiliates in the US and/or other countries. All other marks are the property of their respective owners.
Product specifications subject to change without notice. Picture shown may vary from actual product. Not all products are available in all regions of the world.
2.5-INCH PC HARD DRIVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com