Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P271 Datasheet(PDF) 2 Page - TT Electronics.

Part # P271
Description  Panel Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P271 Datasheet(HTML) 2 Page - TT Electronics.

  P271 Datasheet HTML 1Page - TT Electronics. P271 Datasheet HTML 2Page - TT Electronics. P271 Datasheet HTML 3Page - TT Electronics. P271 Datasheet HTML 4Page - TT Electronics. P271 Datasheet HTML 5Page - TT Electronics. P271 Datasheet HTML 6Page - TT Electronics. P271 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panel Potentiometer
Model P270 / P271 / P272 / P278
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 2
Mechanical Characteristics
TA = 25ᵒC unless otherwise noted
Environmental Characteristics
TA = 25ᵒC unless otherwise noted
Operating Temperature
-55°C to +120°C
IP Rating
Dust proof: IP50 Sealed: IP64
Soldering Condition
Wave Soldering 260 °C maximum for 1-3 seconds
Hand Soldering 300 ᵒC maximum for 3 seconds
RoHS
Please refer to TT Electronics Website
REACH
Please refer to TT Electronics Website
Mechanical Travel
312° ± 5°
Rotational Torque, single gang
Dust Proof: 1.0 oz-in. max. Sealed: 1.0 to 2.5 oz-in.
Rotational Stop Strength
200 oz-in
Nut Tightening Strength
25 lb-in max.
Rotational Life
1,000,000 Cycles (10% ΔR)
Packaging
Standard Packaging
Plastic Trays
Hardware
Lock washer and mounting nut



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com