Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2461PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2461PCBA-41X
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF2461PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF2461
Rev B6 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Local Oscillator Input
Input Level
-10
dBm
LO to IF Isolation
-70
dB
LO to LNA Isolation
-60
dB
Any gain state.
Power Supply
Voltage
2.65
3.0
3.15
V
Cascade -
High Gain Mode
LNA High Gain/Mixer High Gain.
LNA Gain=1, Mix Gain=1.
Assumes 3dB Image filter insertion loss.
Gain
23.5
26
28
dB
Noise Figure
2.4
dB
Input IP3
-11
-9
0
dBm
Current
26
mA
Cascade -
Mid Gain Mode
LNA High Gain/Mixer Low Gain.
LNA Gain=1, Mix Gain=0.
Assumes 3dB Image filter insertion loss.
Gain
16.5
dB
Noise Figure
4.9
dB
Input IP3
0
dBm
Current
23
mA
Cascade -
Low Gain Mode
LNA Low Gain/Mixer High Gain.
LNA Gain=0, Mix Gain=1.
Assumes 3dB Image filter insertion loss.
Gain
4
dB
Noise Figure
15.5
dB
Input IP3
11.8
dBm
Current
22
mA
Cascade -
Ultra-Low Gain Mode
LNA Low Gain/Mixer Low Gain.
LNA Gain=0, Mix Gain=0.
Assumes 3dB Image filter insertion loss.
Gain
-7
-4.5
-3
dB
Noise Figure
22.5
dB
Input IP3
+14
+20
40
dBm
Current
18
mA
Cellular CDMA, IPSET=1
Mode
LNA GAIN
MIX GAIN
High Gain
1
1
Recommended for IMD Tests 1 and 2
Mid Gain
1
0
Recommended for IMD Tests 3 and 4
Low Gain
0
1
Recommended for IMD Tests 5 and 6
Ultra-Low Gain
0
0
Alternative Lowest Current Mode for
IMD Tests 5 and 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com