Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2461 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices RF2461 Datasheet HTML 10Page - RF Micro Devices RF2461 Datasheet HTML 11Page - RF Micro Devices RF2461 Datasheet HTML 12Page - RF Micro Devices RF2461 Datasheet HTML 13Page - RF Micro Devices RF2461 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RF2461
Rev B6 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Condition T=25oC, VCC=2.75V, RF=880 and 881MHz, LO=965MHz @-10dBm
LNA Gain, Noise Figure and IIP3 versus ICC -
LNA Only (LNA High Gain)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
ICC (mA)
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Mixer Gain, Noise Figure and IIP3 versus ICC -
Mixer (Mixer High Gain, LO=-7dBm)
-20.00
-15.00
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
25.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
ICC (mA)
-10.00
-5.00
0.00
5.00
10.00
Gain (dB)
NF (dB)
IIP3 (dBm)
Resistor (R3) versus ICC (mA) -
LNA Only (LNA High Gain)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
ICC (mA)
R3 (kohm)
Resistor (R2) versus ICC - Mixer (Mixer High Gain,
LO=2170@-7dBm)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
ICC (mA)
R2 (kohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com