Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA01 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # KA01
Description  TYPE K PLUG MOUNTED GENERAL PURPOSE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

KA01 Datasheet(HTML) 1 Page - TM Electronics Inc

  KA01 Datasheet HTML 1Page - TM Electronics Inc KA01 Datasheet HTML 2Page - TM Electronics Inc KA01 Datasheet HTML 3Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
TYPE K PLUG MOUNTED GENERAL PURPOSE KIT
Description
Comprising of four plug mounted probes, which can be plugged directly into a handheld
thermometer, a fine wire (PTFE) Thermocouple Sensor, which can be left in situ and a handle, which
enables the user to convert the plug mounted probes into standard length probes. This kit provides
all the probes in common usage across a wide range of industries.
All Plug Mounted Probes:
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This probe is manufactured using a two stage moulding technique. Firstly the probes are encased in tough
nylon, then a thermoplastic over moulding is applied. This gives an extremely robust and durable construction
with the added benefit that the assembly is waterproof.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
KHS02 Surface Probe
Sprung Shield Probe for surface temperature measurement at high temperature. Ideal for one-
handed temperature measurement.
Construction
Surface probe with copper sensing tip protected by a sprung stainless steel draught shield.
Stainless Steel 316 (Food Grade). 4mm diameter stem 110mm long. Probe tip 6mm diameter.
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
 TIME RESPONSE (96% of value on clean metal)
: 3.0 Secs
 MEASUREMENT RANGE
: -100 TO 750 °C
KHP05 Needle Probe
Designed for measurement of semi solids, liquids and dry materials.
Construction
Stainless Steel Needle probe plug mounted. Needle is 3.3mm diameter and 100mm long with a
sensor welded to the tip.
 WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
 TIME RESPONSE (96% of value in water)
: 1.6 Secs
 MEASUREMENT RANGE
: -100 TO 250 °C


Similar Part No. - KA01

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
KA01 TM-KA01 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
More results

Similar Description - KA01

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WCR WELWYN-WCR_13 Datasheet
643Kb / 3P
General Purpose Surface Mounted Resistors
logo
List of Unclassifed Man...
WCR0805-39KFI ETC2-WCR0805-39KFI Datasheet
424Kb / 3P
GENERAL PURPOSE SURFACE MOUNTED RESISTORS
WCR1206 ETC2-WCR1206 Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
WCR1206-3K9FI ETC2-WCR1206-3K9FI Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
LC210A ETC2-LC210A Datasheet
630Kb / 7P
General Purpose DMM Kit
logo
Pasternack Enterprises,...
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3003 PASTERNACK-PE5SC3003 Datasheet
580Kb / 6P
3.5mm Female General Purpose Calibration Kit
PE5TR1000 PASTERNACK-PE5TR1000 Datasheet
490Kb / 5P
3.5mm Female General Purpose Calibration Kit
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
3.5mm Male General Purpose Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com