Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTSM Datasheet(PDF) 5 Page - APEM

Part # ADTSM
Description  (SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

ADTSM Datasheet(HTML) 5 Page - APEM

  ADTSM Datasheet HTML 1Page - APEM ADTSM Datasheet HTML 2Page - APEM ADTSM Datasheet HTML 3Page - APEM ADTSM Datasheet HTML 4Page - APEM ADTSM Datasheet HTML 5Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
AKTSC
Cap Color:
Y= Yellow
B = Blue
R = Red
I = Ivory
K = Black
G = Green
S = Salmon
Cap Type:
1 = Square
2 = Round
Prod. Size: ( Tactile Switch )
6 = 6 x 6mm
2 = 12 x 12mm
CAP PART NO.
AKTSC61
AKTSC62
AKTSC21
AKTSC22
PACKAGING
ADTS-6 Series: 1000 pcs/bag
ADTS(P)-2 series: 500 pcs/bag or 40pcs/tube
AKTSC CAPS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com