Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTS-2 Datasheet(PDF) 1 Page - APEM

Part # ADTS-2
Description  (SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

ADTS-2 Datasheet(HTML) 1 Page - APEM

  ADTS-2 Datasheet HTML 1Page - APEM ADTS-2 Datasheet HTML 2Page - APEM ADTS-2 Datasheet HTML 3Page - APEM ADTS-2 Datasheet HTML 4Page - APEM ADTS-2 Datasheet HTML 5Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
ADTS6, ADTSM &
AKTSC6 SERIES
(SQUARE STEM WITH CAP OPTIONS)
MECHANICALCONTACTSTYLE
MATERIALS
COVER:
BASE:
STEM:
CONTACTDISC:
TERMINAL:
CAP:
Operational Force:
Stop Strength:
Stoke:
OperatingTemperatureRange:
Storage Temperature Range:
Vibration resistance:
Shock resistance:
FEATURES
Positive tactile feedback.
Ultraminiature structure suitable for high density mounting. Economic but high reliability.
Insert molded terminals prevent flux build-up during soldering.
100,000 cycles for 320gf, 520gf.
100,000 cycles for 260gf.
200,000 cycles for 100gf, 160gf.
50 mA,12 VDC.
100 milliohms max.
100 megohms min. 500 VDC.
250 VAC /1 minute.
1 pole 1 throw.
520 + 130gf Brown
320 + 80gf Brown
260 + 50gf Red
160 + 50gf Brown
100 + 50gf Black
Max 3kgf vertical static load continuously for 15 seconds.
(12x12) 0.35 + 0.1mm
(6x6) 0.25 + 0.2 mm
- 0.1 mm
-25ºC to + 70ºC
-30ºC to + 80ºC
MIL-STD-202FMETHOD201A.
Frequency: 10-55-10Hz/1minute.
Directions: X,Y,Z, three mutually perpendicular directions.
Time: 2 hours each direction.
High reliability.
MIL-STD-202FMETHOD213B.
Frequency: 10-55-10Hz/1minute.
Directions: X,Y,Z, three mutually perpendicular directions.
Time: 2 hours each direction.
High reliability.
Stainless steel.
UL94V-0 Nylon Thermoplastic.
Color: Black
UL94V-0 Nylon Thermoplastic.
Color: Black(100gf), Brown(160gf), Red(260gf), Salmon(320gf),Yellow(520gf)
Silicone rubber Color: Red(300gf)
Phosphor bronze with silver cladding.
Brass with silver plating.
Termoplastic ABS.
(Y)
(S)
(R)
(N)
(K)
GENERALSPECIFICATIONS
ELECTRICALS
Electrical life:
Rating:
Contact resistance:
Insulation resistance:
Dielectric Strength:
Contact Arrangement:
MECHANICALS


Similar Part No. - ADTS-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADTS3 ETC2-ADTS3 Datasheet
143Kb / 3P
3.5 x 6mm TACT SWITCH
ADTS6-ADTSM-KTSC6 ETC-ADTS6-ADTSM-KTSC6 Datasheet
237Kb / 5P
MECHANICAL CONTACT STYLE
ADTSM3 ETC2-ADTSM3 Datasheet
143Kb / 3P
3.5 x 6mm TACT SWITCH
ADTSM32NV ETC2-ADTSM32NV Datasheet
143Kb / 3P
3.5 x 6mm TACT SWITCH
ADTSM61NVTR ETC2-ADTSM61NVTR Datasheet
237Kb / 5P
MECHANICAL CONTACT STYLE
More results

Similar Description - ADTS-2

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT8 BITECH-SWT8 Datasheet
380Kb / 4P
Tactile Switches 6.2X6.2 mm Square Stem Cap available RoHS Compliant
logo
ALPS ELECTRIC CO.,LTD.
SKHK ALPS-SKHK Datasheet
172Kb / 3P
12mm Square Long Stem (Snap-in Type)
logo
AVX Corporation
7091770016XX006 AVX-7091770016XX006 Datasheet
204Kb / 5P
IDC Contact & Cap
logo
List of Unclassifed Man...
ADTS6-ADTSM-KTSC6 ETC-ADTS6-ADTSM-KTSC6 Datasheet
237Kb / 5P
MECHANICAL CONTACT STYLE
R125654451 ETC2-R125654451 Datasheet
36Kb / 2P
RIGHT ANGLE SQUARE FLANGE WITH CYLINDRICAL CONTACT CONTACT
ADTSM61NVTR ETC2-ADTSM61NVTR Datasheet
237Kb / 5P
MECHANICAL CONTACT STYLE
R125512000W ETC2-R125512000W Datasheet
28Kb / 2P
SQUARE FLANGE JACK RECEPTACLE WITH SHOULDER CONTACT
logo
Visual Communications C...
A96 VCC-A96 Datasheet
262Kb / 1P
Miniature Cap Fuse Style
logo
Cherry Semiconductor Co...
G81-1800 CHERRY-G81-1800 Datasheet
55Kb / 4P
Mechanical individual keys with membrane contact switches
logo
Mallory Sonalert Produc...
PB-32N10W-12K MSPI-PB-32N10W-12K Datasheet
197Kb / 1P
For other options contact factory
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com