Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8152240 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8152240
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8152240 Datasheet(HTML) 2 Page - Festo Corporation.

  8152240 Datasheet HTML 1Page - Festo Corporation. 8152240 Datasheet HTML 2Page - Festo Corporation. 8152240 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Max. suction rate with respect to atmosphere
4 l/min
Air supply time at nominal operating pressure with ejector pulse
2 s
DC operating voltage range
21.6 V ... 26.4 V
Duty cycle
100%
Switching output
PNP/NPN switchable
Coil characteristics
24 V DC: 1.28 W
Certification
c UL us - Listed (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
0 °C ... 50 °C
Noise level at nominal operating pressure
64 dB(A)
Degree of protection
IP40
Ambient temperature
0 °C ... 50 °C
Product weight
83 g
DC sensor operating voltage range
18 V ... 30 V
Pressure measuring range
-0.1 MPa ... 0 MPa
Pressure measuring range
-1 bar ... 0 bar
Pressure measuring range
-14.5 psi ... 0 psi
Electrical connection input, function
Ejector pulse
Vacuum generator
Electrical connection input, connection type
2x plugs
Electrical input connection, connection technology
M8x1, A-coded as per EN 61076-2-104
Electrical connection, input, number of pins/wires
2
Electrical connection for input, connection pattern
00991155
Electrical input connection, mounting type
Snap-locking
Electrical connection output, function
Sensor
Electrical connection output, connection type
Cable
Electrical connection output, connection technology
Open end
Electrical output connection, number of pins/wires
3
Cable characteristic
Suitable for energy chains
Cable diameter
2.9 mm
Cable diameter tolerance
± 0.1 mm
Cable length
2.5 m
Nominal conductor cross section
0.14 mm²
Type of mounting
On terminal strip
Pneumatic connection 1
for pneumatic tubing outside diameter 4 mm
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
For pneumatic tubing outside diameter 4 mm
Color cable sheath
Gray
Material of connecting thread
POM
Note on materials
RoHS-compliant
Seals material
NBR
Female nozzle material
POM
Compressed air filter material
POM
Housing material
PA-reinforced
Material of cable sheath
PVC
Material of adjusting screw
Steel
1/6/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com