Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS7B1AM1CESG2L5 Datasheet(PDF) 4 Page - Multicomp Pro

Part # PAS7B1AM1CESG2L5
Description  PA Series Sub-Miniature Pushbutton Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PAS7B1AM1CESG2L5 Datasheet(HTML) 4 Page - Multicomp Pro

  PAS7B1AM1CESG2L5 Datasheet HTML 1Page - Multicomp Pro PAS7B1AM1CESG2L5 Datasheet HTML 2Page - Multicomp Pro PAS7B1AM1CESG2L5 Datasheet HTML 3Page - Multicomp Pro PAS7B1AM1CESG2L5 Datasheet HTML 4Page - Multicomp Pro PAS7B1AM1CESG2L5 Datasheet HTML 5Page - Multicomp Pro PAS7B1AM1CESG2L5 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page <4>
V1.0
16/05/20
PA Series
Sub-Miniature Pushbutton Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Wire
L1 Wire length: 500mm
Multi-wire lead AWG20, section 0.6mm², UL approved. (Black / Green / Red)
L2 Wire length: 90mm
Multi-wire lead AWG20, section 0.6mm², UL approved. (Black / Green / Red)
L3 Wire length: 100mm
Multi-wire lead AWG20, section 0.6mm², UL approved. (Black / Green / Red)
Rubber - Hood
Soldering Processes
Transparent cap
Dimensions
Black cap
Dimensions : Inches (Millimetres)
Manual Soldering
: Use soldering iron of 30 watt, controlled at 350°C ap-
proximately 5 seconds while applying solder.
Wave Soldering
Recommended Soldering
Temperature
: 260 ±5°C
Duration of Solder Immersion : Max 5 sec.
(PCB is 1.6mm in thickness)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com