Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP-2A8 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # CMP-2A8
Description  MIXERS TRIPLE-BALANCED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CMP-2A8 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  CMP-2A8 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION CMP-2A8 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[ 79 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
MIXERS
TRIPLE-BALANCED
MIXERS
TRIPLE-BALANCED
VERY HIGH DYNAMIC RANGE
LO = +17 dBm
5 - 1000
5 - 1000
6.5/8
7.5/9.5
35/20
40/30
30/23
30/20
30/20
25/20
159
1
SLD-K5M
25 - 1800
25 - 1000
7.5/8.5
8/9
50/30
45/25
35/20
35/15
25/15
23/15
133
2
SMD-C5M
750 - 2500
50 - 880
7/8.5
8/9.2
44/35
--/--
40/30
38/28
--/--
25/20
133
2
SMD-C7M*
0.05-200
0.05-200
5.5/6.5
6.5/7
45/30
50/45
45/40
35/25
40/35
35/20
102
3
CMP-206
5-1200
1-1200
6/7
7/8.5
50/35
45/30
40/25
40/30
35/25
35/20
102
4
CMP-231
10-2500
10-1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
103
3
CMP-205
10-2500
10-1000
7.0/8.0
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
105
5
CMP-305
10-3000
10-1000
8/11
10/12
29/20
25/18
23/14
27/20
25/12
23/16
102
3
CMP-2A8
500-3700
500-1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
103
3
CMP-210
500-3700
500-1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
105
5
CMP-310
SURFACE MOUNT
NOTES:
1. 1dB Compression Point = +14 dBm (Typ)
2. IP3 (Input) = +26 dBm (Typ)
3. As IF frequency decrease below LF towards DC, conversion loss increases
up to 8 dB higher than maximum.
4. Maximum Input Power without damage = 500 mW ave. cw
THROUGH HOLE (RELAY)
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
XMB= 2LF to HF/2
FULL BAND = LF to HF
LB= LF to 10LF
MB = 10LF to HF/2
UB= HF/2 to HF
* Pins must be connected together
GND = Ground externally
For pin location and package outline drawings, see back pages.
#1
4
1
5
2,3,6
--
--
#2
1
2
3
4,5,6
--
--
#3
1
8
3
2,5,6,7
2,5,6,7
4
#4
1
3,4*
8
2,5,6,7
2,5,6,7
--
#5
1
4
233
--
RF
LO
IF
GND
CASE GND
NO CONN.
PIN-OUT TABLE
133
159
105
103
102
*XMB = 750 - 1000 MHz
*LB = 750 - 1200 MHz
*UB = 1200 - 2500 MHz


Similar Part No. - CMP-2A8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CMP-02 AD-CMP-02 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
CMP-02 AD-CMP-02_15 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
logo
SYNERGY MICROWAVE CORPO...
CMP-3A6 SYNERGY-CMP-3A6 Datasheet
22Kb / 1P
MIXERS TRIPLE-BALANCED
CMP-3A8 SYNERGY-CMP-3A8 Datasheet
22Kb / 1P
MIXERS TRIPLE-BALANCED
logo
CUI INC
CMP-5247TF-K CUI-CMP-5247TF-K Datasheet
374Kb / 4P
electret condenser microphone
More results

Similar Description - CMP-2A8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2-0218 ETC2-M2-0218 Datasheet
133Kb / 2P
TRIPLE-BALANCED MIXERS
logo
SYNERGY MICROWAVE CORPO...
CVP-206 SYNERGY-CVP-206 Datasheet
41Kb / 2P
MIXERS TRIPLE-BALANCED
logo
Marki Microwave
M2-0020 MARKIMICROWAVE-M2-0020 Datasheet
199Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0226 MARKIMICROWAVE-M2-0226 Datasheet
247Kb / 3P
TRIPLE-BALANCED MIXERS
M2-0240 MARKIMICROWAVE-M2-0240 Datasheet
143Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0243 MARKIMICROWAVE-M2-0243 Datasheet
138Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0440 MARKIMICROWAVE-M2-0440 Datasheet
191Kb / 2P
TRIPLE-BALANCED MIXERS
M2B-0218 MARKIMICROWAVE-M2B-0218 Datasheet
192Kb / 2P
TRIPLE-BALANCED MIXERS
M2H-0220 MARKIMICROWAVE-M2H-0220 Datasheet
246Kb / 3P
TRIPLE-BALANCED MIXERS
M2H-0226 MARKIMICROWAVE-M2H-0226 Datasheet
242Kb / 3P
TRIPLE-BALANCED MIXERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com