Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/EA/SVB-SW Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P1-25/EA/SVB-SW
Description  Main switch, P1, 25 A, flush mounting, 3 pole, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/EA/SVB-SW Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P1-25/EA/SVB-SW Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/EA/SVB-SW Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/EA/SVB-SW Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/EA/SVB-SW Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/EA/SVB-SW Datasheet HTML 5Page - Eaton All Rights Reserved. P1-25/EA/SVB-SW Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET - P1-25/EA/SVB-SW
Main switch, P1, 25 A, flush mounting, 3 pole, STOP function, With black
rotary handle and locking ring, Lockable in the 0 (Off) position
Part no. 
P1-25/EA/SVB-SW
Catalog No. 
048365
 
 
Delivery program
Product range
 
 
Main switch
maintenance switch
Repair switch
Part group reference
 
 
P1
Stop Function
 
 
STOP function
 
 
 
With black rotary handle and locking ring
Information about equipment supplied
 
 
Auxiliary contact or neutral conductor fitted by user.
Number of poles
 
 
3 pole
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Locking facility
 
 
Lockable in the 0 (Off) position
Degree of Protection
 
 
Front IP65
Design
 
 
flush mounting
 
 
 
Contact sequence
 
 
Function
 
 
Motor rating AC-23A, 50 - 60 Hz
 
 
 
400 V
P
kW
11
Rated uninterrupted current
Iu
A
25
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Technical data
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
NEMA12
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 
Open
 
°C
-25 - +50
Enclosed
 
°C
-25 - +40
06/29/2020
Eaton 048365 ED2020 V69.0 EN
1 / 6


Similar Part No. - P1-25/EA/SVB-SW

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P1-25/EA/SVB-SW/N EATON-P1-25/EA/SVB-SW/N Datasheet
371Kb / 6P
Main switch, P1, 25 A, flush mounting, 3 pole N, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
More results

Similar Description - P1-25/EA/SVB-SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7815 SANYO-LC7815 Datasheet
333Kb / 8P
2-Pole 4-Position Analog Function Switch
LC7816 SANYO-LC7816 Datasheet
293Kb / 7P
2-Pole 4-Position Analog Function Switch
logo
E-SWITCH
N211060 E-SWITCH-N211060 Datasheet
208Kb / 1P
PART SUPPLIED WITH ALL POLES IN THE OFF POSITION
logo
Schneider Electric
VLSH4S5B SCHNEIDER-VLSH4S5B Datasheet
174Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 48x48 mm, black handle, 5 mm shaft
Jul 18, 2021
VLSH2H5B SCHNEIDER-VLSH2H5B Datasheet
136Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jul 18, 2021
ZB4FJ3 SCHNEIDER-ZB4FJ3 Datasheet
186Kb / 14P
Head for selector switch, Harmony XB4, flush mounted black long handle 3 position stay put
Oct 18, 2021
ZB4FJ5 SCHNEIDER-ZB4FJ5 Datasheet
186Kb / 14P
Head for selector switch, Harmony XB4, flush mounted black long handle 3 position return center
Oct 18, 2021
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
logo
Eaton All Rights Reserv...
NZM1-XDV EATON-NZM1-XDV Datasheet
240Kb / 3P
Rotary handle, lockable, size 1
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com