Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-100/V/SVB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P3-100/V/SVB
Description  Main switch, P3, 100 A, rear mounting, 3 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-100/V/SVB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P3-100/V/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P3-100/V/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P3-100/V/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P3-100/V/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P3-100/V/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P3-100/V/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET - P3-100/V/SVB
Main switch, P3, 100 A, rear mounting, 3 pole, Emergency switching off
function, With red rotary handle and yellow locking ring, Lockable in the
0 (Off) position
Part no. 
P3-100/V/SVB
Catalog No. 
088558
 
EL-Nummer
(Norway) 
0001456133
Delivery program
Product range
 
 
Main switch
maintenance switch
Repair switch
Part group reference
 
 
P3
Stop Function
 
 
Emergency switching off function
 
 
 
With red rotary handle and yellow locking ring
Information about equipment supplied
 
 
Auxiliary contact or neutral conductor fitted by user.
Number of poles
 
 
3 pole
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Locking facility
 
 
Lockable in the 0 (Off) position
Degree of Protection
 
 
Front IP65
Design
 
 
rear mounting
 
 
 
Contact sequence
 
 
Function
 
 
Motor rating AC-23A, 50 - 60 Hz
 
 
 
400 V
P
kW
55
Rated uninterrupted current
Iu
A
100
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Technical data
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
NEMA12
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 
Open
 
°C
-25 - +50
Enclosed
 
°C
-25 - +40
06/30/2020
Eaton 088558 ED2020 V69.0 EN
1 / 6


Similar Part No. - P3-100/V/SVB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P3-100/V/SVB-SW EATON-P3-100/V/SVB-SW Datasheet
369Kb / 6P
Main switch, P3, 100 A, rear mounting, 3 pole, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/30/2020
More results

Similar Description - P3-100/V/SVB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N211060 E-SWITCH-N211060 Datasheet
208Kb / 1P
PART SUPPLIED WITH ALL POLES IN THE OFF POSITION
logo
Molex Electronics Ltd.
1301120040 MOLEX11-1301120040 Datasheet
43Kb / 1P
Handle Assembly for 1083-3, On/Off Switch
logo
Schneider Electric
ZB5AS834 SCHNEIDER-ZB5AS834 Datasheet
171Kb / 9P
red 횠30 Emergency stop, switching off head 횠22 trigger and latching turn release
Aug 11, 2019
ZB5AS94420 SCHNEIDER-ZB5AS94420 Datasheet
394Kb / 13P
red 횠40 Emergency stop, switching off head 횠22 trigger and latching key release
Mar 16, 2022
ZA2BS844 SCHNEIDER-ZA2BS844 Datasheet
125Kb / 2P
red 횠40 Emergency stop, switching off head trigger and latching turn release
Mar 21, 2022
ZA2BS934 SCHNEIDER-ZA2BS934 Datasheet
109Kb / 2P
red 횠30 Emergency stop, switching off head trigger and latching key release
Mar 21, 2022
ZA2BS944 SCHNEIDER-ZA2BS944 Datasheet
140Kb / 2P
red 횠40 Emergency stop, switching off head trigger and latching key release
Mar 21, 2022
logo
Siemens Semiconductor G...
3LD2003-1TP53 SIEMENS-3LD2003-1TP53 Datasheet
307Kb / 6P
SENTRON, Switch disconnector 3LD, emergency switching-off switch, 3- pole, Iu: 16 A, operating power / at AC-23 A 400 V: 7.5 kW, front-mounted, 1 NC, 1 NO, rotary operating mechanism, Red / yellow, 4-hole mounting of the handle
12/13/2022
logo
Eaton All Rights Reserv...
NZM1-XDV EATON-NZM1-XDV Datasheet
240Kb / 3P
Rotary handle, lockable, size 1
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com