Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-100/V/SVB-SW Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # P3-100/V/SVB-SW
Description  Main switch, P3, 100 A, rear mounting, 3 pole, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-100/V/SVB-SW Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  P3-100/V/SVB-SW Datasheet HTML 1Page - Eaton All Rights Reserved. P3-100/V/SVB-SW Datasheet HTML 2Page - Eaton All Rights Reserved. P3-100/V/SVB-SW Datasheet HTML 3Page - Eaton All Rights Reserved. P3-100/V/SVB-SW Datasheet HTML 4Page - Eaton All Rights Reserved. P3-100/V/SVB-SW Datasheet HTML 5Page - Eaton All Rights Reserved. P3-100/V/SVB-SW Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rated operating voltage
 
V
690 - 690
Rated permanent current Iu
 
A
100
Rated permanent current at AC-23, 400 V
 
A
100
Rated permanent current at AC-21, 400 V
 
A
100
Rated operation power at AC-3, 400 V
 
kW
37
Rated short-time withstand current lcw
 
kA
2
Rated operation power at AC-23, 400 V
 
kW
55
Switching power at 400 V
 
kW
55
Conditioned rated short-circuit current Iq
 
kA
4
Number of poles
 
 
3
Number of auxiliary contacts as normally closed contact
 
 
0
Number of auxiliary contacts as normally open contact
 
 
0
Number of auxiliary contacts as change-over contact
 
 
0
Motor drive optional
 
 
No
Motor drive integrated
 
 
No
Voltage release optional
 
 
No
Device construction
 
 
Built-in device fixed built-in technique
Suitable for ground mounting
 
 
No
Suitable for front mounting 4-hole
 
 
No
Suitable for front mounting centre
 
 
No
Suitable for distribution board installation
 
 
No
Suitable for intermediate mounting
 
 
No
Colour control element
 
 
Black
Type of control element
 
 
Door coupling rotary drive
Interlockable
 
 
Yes
Type of electrical connection of main circuit
 
 
Screw connection
Degree of protection (IP), front side
 
 
IP65
Degree of protection (NEMA)
 
 
12
Approvals
Product Standards
 
 
UL 60947-4-1;CSA - C22.2 No. 60947-4-1-14; CSA-C22.2 No. 94; IEC/EN 60947-3; CE
marking
UL File No.
 
 
E36332
UL Category Control No.
 
 
NLRV
CSA File No.
 
 
12528
CSA Class No.
 
 
3211-05
North America Certification
 
 
UL listed, CSA certified
Suitable for
 
 
Branch circuits, suitable as motor disconnect
Degree of Protection
 
 
IEC: IP65; UL/CSA Type 1, 12
Dimensions
① Shaft and interlock extension with ZAV-P3 + ZVV-P3 possible; max. 4 x 25 = 100 mm
② ZFS-... Label mount not included as standard
③ Drilling dimensions base
④ Drilling dimensions door
06/30/2020
Eaton 064976 ED2020 V69.0 EN
5 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com