Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP-310 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # CMP-310
Description  MIXERS TRIPLE-BALANCED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CMP-310 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  CMP-310 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION CMP-310 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ 80 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
MIXERS
TRIPLE-BALANCED
MIXERS
TRIPLE-BALANCED
LO = +17 dBm
NOTES:
1. 1dB Compression Point = +14 dBm (Typ)
2. IP3 (Input) = +26 dBm (Typ)
3. As IF frequency decrease below LF towards DC, conversion loss increases
up to 8 dB higher than maximum.
4. Maximum Input Power without damage = 500 mW ave. cw
VERY HIGH DYNAMIC RANGE
0.05 - 200
0.05 - 200
5.5/6.5
6.5/7
45/30
50/45
45/40
35/25
40/35
35/30
123
1
CMP-506
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
104
1
CMP-505
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
122
2
CMP-605
500 - 3700
500 -1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
122
2
CMP-610
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
101
3
CMF-105
500 - 3700
500 -1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
101
3
CMF-110
0.05 - 200 0.05 - 200
5.5/6.5
6.5/7
45/30
50/45
45/40
35/25
40/35
35/30
110
4
CMK-706*
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
110
4
CMK-705S
500 - 3700
500 -1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
110
4
CMK-710S
THROUGH HOLE (TO-CAN)
FLAT-PACK
COAXIAL
* Connector style: "B" = BNC, "T" = TNC,
N" = Type N, "S" = SMA
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
XMB= 2LF to HF/2
FULL BAND = LF to HF
LB= LF to 10LF
MB = 10LF to HF/2
UB= HF/2 to HF
GND = Ground externally
For pin location and package outline drawings, see back pages.
#1
2
5
11
All Others All Others
#2
1
3
244
#3
1
4
5
2,3,6,7,8
2,3,6,7,8
#4
1
3
2
--
--
RF
LO
IF
GND
CASE GND
PIN-OUT TABLE
123
122
104



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com