Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4957 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4957
Description  UP TO 4A ULDO LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4957 Datasheet(HTML) 4 Page - STMicroelectronics

  L4957 Datasheet HTML 1Page - STMicroelectronics L4957 Datasheet HTML 2Page - STMicroelectronics L4957 Datasheet HTML 3Page - STMicroelectronics L4957 Datasheet HTML 4Page - STMicroelectronics L4957 Datasheet HTML 5Page - STMicroelectronics L4957 Datasheet HTML 6Page - STMicroelectronics L4957 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
*P ulsed tecnique ha s been used
-4 0
-2 0
0
2 0
4 0
6 0
80
100 120 140 160
0
1
2
3
4
5
6
7
8
9
10
Tj [
°C]
O utp ut C urre n t [A]
(Vin-Vout) > 2 V
pin 2 = G ND
Figure 3: Maximum Output Current vs. Junction
Temperature
Vin > 2 . 8V
T j= 125C
Tc =2 5
°C
Pdm a x = 40 W
Rd s on
lim it
D C Operat in g A re a
P ow er D is s ip at ion Lim it
C u rre nt L im ita tio n
Tc = 70
°C
Pd m a x =2 2 W
012
3
456
78
0
1
2
3
4
5
6
7
8
( Vi n - Vout ) [ V ]
O u t put C u r r e n t [ A ]
Figure 4: DC Operating Area
0
10
20
30
40
50
60
70
80
90
10 0
F r equ en cy [ H z]
R ip p le R eject i o n [ dB ]
1k
10
1 0 0
1 0k
100k
V r ip p l e = 3V p- p V r ipp l e = 0 .5 V p - p
C i n= 2 2uF
Co u t= 2 2 u F
V out= 1 . 5 V
Vi n m in = 3 V
Io u t= 5 A
Figure 5: Ripple Rejection vs. Frequency
1.8
6.3
IOUT(A)
VOUT
(V)
D98IN846A
80% VOUT
Figure 6: Output Voltage vs. Output Current.
(VOUT = 1.5V)
0
0 .2 0.4
0 .6 0.8
1
1.2 1 .4 1.6 1 .8
2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
∆V= V in - Vo
Io [A ]
ma x im u m R o n l im i ts
Tj = 1 0 0
°C
Tj = 1 2 5
°C
Tj = 2 5
°C
Figure 7: Maximum Output Current vs. Drop-Out
Voltage
L4957
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com