Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0552/PC Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0552/PC
Description  GENERAL PURPOSE CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0552/PC Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0552/PC Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bulgin.co.uk
126
GENERAL PURPOSE CONNECTORS
Flex Mount Plug and Panel Mount Sockets
PX0551
PX0552
PX0552/PC
8 Poles
Mates with PX0552,
PX0552/PC, PX0956/S and
PX0957/S
Screw Terminals
6A, 250V a.c. (per Pin)
8 Poles
Mates with PX0551
4.8mm Tabs
6A, 250V a.c. (per Pin)
8 Poles
Mates with PX0551
PC Spills
6A, 250V a.c. (per Pin)
Specification
PX0551
PX0552
PX0552/PC
Terminations:
Screw Terminals
4.8 Series Tab
P.C. Spills
Max. Rating:
6A, 250V a.c. (per pin)
6A, 250V a.c. (per pin)
6A, 250V a.c. (per pin)
Contact Resistance:
<20m
Ω
<20m
Ω
<20m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω
>103 M
Ω
A.C. Breakdown:
Pole-Pole 5.2kV
Pole-Pole 5.2kV
Pole-Pole 5.2kV
Poles-Accessible Parts 6kV
Poles-Exterior Parts/Panel 2kV
Poles-Exterior Parts/Panel 6.6kV
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Mouldings:
Glass Filled Nylon (Black)
Glass Filled Nylon (Black)
Glass Filled Nylon (Black)
Flammability Rating:
UL94 HB
UL94 HB
UL94 HB
Contacts:
Brass, Nickel Plated
Brass, Tin Plated
Brass, Tin Plated
Mates With:
PX0552, PX0552/PC, PX0956/S,
PX0551, PX0959/P, PX0959/P/PC
PX0551, PX0959/P, PX0959/P/PC
PX0957/S
FLEX MOUNT MALE CIRCULAR CONNECTOR
PANEL MOUNT FEMALE CIRCULAR OUTLET
PC PANEL MOUNT FEMALE CIRCULAR OUTLET


Similar Part No. - PX0552/PC

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0552/PC BULGIN-PX0552/PC Datasheet
68Kb / 1P
Flex Mount Plug and Panel Mount Sockets
PX0552/PC BULGIN-PX0552/PC Datasheet
271Kb / 11P
Plugs and Sockets
logo
Bulgin Limited. All rig...
PX0552/PC BULGINLIMITED-PX0552/PC Datasheet
293Kb / 9P
General Purpose Connectors
More results

Similar Description - PX0552/PC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
General purpose solder contact connectors
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
SRCN JAE-SRCN Datasheet
429Kb / 2P
Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
KPT General purpose solder contact connectors
logo
Hirose Electric
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
General-purpose Multi-Contact Circular Waterproof Connectors
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com