Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLK-710S Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # CLK-710S
Description  MIXERS TRIPLE-BALANCED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CLK-710S Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  CLK-710S Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION CLK-710S Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ 77 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
MIXERS
TRIPLE-BALANCED
MIXERS
TRIPLE-BALANCED
IMPROVED DYNAMIC RANGE
LO = +10 dBm
THROUGH HOLE (TO -CAN)
0.5-200
0.5-200
5.5/6.5
6.5/7
45/30
50/45
45/40
35/25
40/35
35/30
123
1
CLP-506
10-2500
10-1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
104
1
CLP-505
10-2500
10-1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
122
2
CLP-605
500-3700
500-1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
122
2
CLP-610
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
101
3
CLF-105
500 - 3700
500 - 1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
101
3
CLF-110
0.05 - 200
0.05 - 200
5.5/6.5
6.5/7
45/30
50/45
45/40
35/25
40/35
35/30
110
4
CLK-706*
10 - 2000
10 - 1000
6/8
6.5/8.5
32/25
35/25
35/20
33/20
30/20
25/20
110
4
CLK-7A6S
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/20
35/20
30/20
27/20
110
4
CLK-705S
10 - 3000
10 - 800
6.3/8
6.5/8.5
35/25
35/25
35/25
30/20
30/20
30/20
110
4
CLK-7B8S
500 - 3700
500 - 1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
110
4
CLK-710S
NOTES:
1. 1dB Compression Point = +5 dBm (Typ)
2. IP3 (Input) = +18 dBm (Typ)
3. As IF frequency decrease below LF towards DC,
conversion loss increases up to 8 dB higher than maximum
4. Maximum Input Power without damage = 250 mW ave. cw
GND = Ground externally
For pin location and package outline drawings, see back pages.
FLAT PACK
COAXIAL
* Connector style: "B" = BNC, "T" = TNC, "N" = Type N, "S" = SMA
Double Balanced Model (IP3 & 1dB comp. pt. 3 dB lower than specified.)
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
OUTLINE
DRAWING
MODEL
PIN
OUT
XMB= 2LF to HF/2
FULL BAND = LF to HF
LB= LF to 10LF
MB = 10LF to HF/2
UB= HF/2 to HF
123
#1
2
5
11
All Others
All Others
--
#2
1
3
2
4
4
--
#3
1
4
5
All Others
All Others
--
#4
132
--
--
RF
LO
IF
GND
CASE GND
NO CONN.
PIN-OUT TABLE
104
122



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com