Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL103C
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL103C Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  LL103C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL103C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
MECHANICAL DATA
Case:JEDEC MINI-MELF
Weight: Approx. 0.031 gram
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
V
μA
V
pF
ns
K/W
Storage temperature range
TSTG
Reverse breakdow n voltage
@ I
R=50
A
Symbols
V
R
ELECTRICAL CHARACTERISTICS
I
R
Thermal resistance junction to ambient air
CJ
0.6
LL103A---LL103C
SMALL SIGNAL SCHOTTKY DIODE
VOLTAGE RANGE: 40 -- 20 V
CURRENT: 400 mW
MINI-MELF
GALAXY ELECTRICAL
mW
A
Peak reverse voltage
400
1)
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Pow er dissipation (Infinite Heat Sink)
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
Ptot
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ VR=50V
Junction capacitance
@ VR=0V,f=1MHz
Reverse recovery time @ IF=IR=50mAto200mA,recover to0.1IR
Forw ard voltage drop @ I
F
=20mA
250
1)Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Single cycle surge 60Hz sine w ave
5.0
50
15
I
F
=200mA
VF
trr
Max.
Typ.
10
TJ
0.37
-55 ---+ 150
125
www.galaxycn.com
BL
Document Number 0265018
1.
BLGALAXY ELECTRICAL
LL103A
LL103B
LL103C
40
30
20
LL103A
LL103B
LL103C
40
30
20
LL103A,VR=30V
LL103B,VR=20V
LL103C,VR=10V
-
-
-
-
-
-
-
-
-
-
-
-
Forward continuous current
I(AV)
200
m A
3.4
+0.3
-0.1
0.4±0.1
Cathode indification


Similar Part No. - LL103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103C SEMTECH-LL103C Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103C GE-LL103C Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103C DIOTEC-LL103C Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103C EIC-LL103C Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103C ETC1-LL103C Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - LL103C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com