Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1513NJ Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T1513NJ
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T1513NJ Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T1513NJ Datasheet HTML 1Page - Inchange Semiconductor Company Limited T1513NJ Datasheet HTML 2Page - Inchange Semiconductor Company Limited T1513NJ Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
T1513NJ
www.iscsemi.com
1
FEATURES
· With TO-220 insulated package
· Suitable for general purpose AC switching. Which can be used
as an ON/OFF function in applications such as static relays,
heating regulation,induction motor starting circuits.
Or for phase control operation in light dimmers,
motor speed controllers etc
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Thermal resistance, junction to case
1.2
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
℃
/W
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Reverse Voltage
800
V
IT(RMS)
RMS on-state current (full sine wave) Tc=100℃
15
A
ITSM
Non-repetitive peak on-state current
tp=20ms
150
A
PG(AV)
Average Gate Power
5
W
Tj
Operating Junction Temperature
-40 ~+125
℃
Tstg
Storage Temperature
-40 ~+150
℃


Similar Part No. - T1513NJ

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
T151-100 NAINA-T151-100 Datasheet
116Kb / 2P
Phase Control Thyristors, 100A
logo
TE Connectivity Ltd
T1510063000-000 TEC-T1510063000-000 Datasheet
329Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
T1510063000-000 TEC-T1510063000-000 Datasheet
362Kb / 4P
T1250102125-000
08/07/2021
logo
Sumida Corporation
T15101 SUMIDA-T15101 Datasheet
203Kb / 1P
xDSL POTs Splitter< Pin Type: RM Series>
logo
TE Connectivity Ltd
T1510103000-000 TEC-T1510103000-000 Datasheet
336Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - T1513NJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com