Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS599686 Datasheet(PDF) 1 Page - Glamox

Part # ARS599686
Description  ARIS-P SINGLE BL E1/S LOSIGN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS599686 Datasheet(HTML) 1 Page - Glamox

  ARS599686 Datasheet HTML 1Page - Glamox ARS599686 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
ARIS-P SINGLE BL E1/S LO
SIGN
E1 / S means that this item has a built-in emergency light
for minimum 1 hours duration. It is supplied with a standard
emergency controller that needs manual testing according
to European emergency light standards.
Item No.
ARS599686
GTIN
5901155996864
Stock status code
M
Technical specifications
Mounting
Product Mounting
Pendant
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
2
IEC Protection Class
II
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lumen Per Watt (lm/W)
60
MacAdam step
3
Energy Class Light Source
C
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
S = Standard
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Percentage Light Out In Emergency
100
Reading distance sign (m)
25
Battery Type
LiFePO4
Battery Form
Stick
Battery mAh
1000
Battery Voltage (V)
6.4
Battery Sparepart No
SP-MY-413-LI1000L
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
BL - Black
Main Body Colour Name
Black
Dimensions
Length (mm)
35
Width (mm)
262
Height (mm)
155
Item Net Weight (kg)
0.69
Logistic Data
Item Gross Weight (kg)
0.75


Similar Part No. - ARS599686

ManufacturerPart #DatasheetDescription
logo
Glamox
ARS599406 GLAMOX-ARS599406 Datasheet
283Kb / 3P
ARIS-P DOUBLE WH E1/DALILO SIGN
ARS599410 GLAMOX-ARS599410 Datasheet
265Kb / 2P
ARIS-P DOUBLE WH E/Z LOSIGN
ARS599411 GLAMOX-ARS599411 Datasheet
265Kb / 2P
ARIS-P DOUBLE WH E/Z HOSIGN
ARS599412 GLAMOX-ARS599412 Datasheet
282Kb / 3P
ARIS-P DOUBLE WH E1/STLO SIGN
ARS599414 GLAMOX-ARS599414 Datasheet
282Kb / 3P
ARIS-P DOUBLE WH E1/STHO SIGN
More results

Similar Description - ARS599686

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
2800913 PHOENIX-2800913 Datasheet
419Kb / 5P
Electronic device circuit breaker - CB E1 24DC/8A S-R P
10/29/2015
2800924 PHOENIX-2800924 Datasheet
160Kb / 10P
Electronic device circuit breaker - CB E1 24DC/3A S-C P
09/12/2020
2800908 PHOENIX-2800908 Datasheet
255Kb / 9P
Electronic device circuit breaker - CB E1 24DC/1A S-R P
18.01.2013
2800909 PHOENIX-2800909 Datasheet
96Kb / 8P
Electronic device circuit breaker - CB E1 24DC/2A S-R P
18.01.2013
2800912 PHOENIX-2800912 Datasheet
96Kb / 8P
Electronic device circuit breaker - CB E1 24DC/6A S-R P
18.01.2013
2800914 PHOENIX-2800914 Datasheet
223Kb / 5P
Electronic device circuit breaker - CB E1 24DC/10A S-R P
05/15/2015
2800926 PHOENIX-2800926 Datasheet
96Kb / 8P
Electronic device circuit breaker - CB E1 24DC/6A S-C P
18.01.2013
2800927 PHOENIX-2800927 Datasheet
215Kb / 4P
Electronic device circuit breaker - CB E1 24DC/8A S-C P
09/10/2014
2800923 PHOENIX-2800923 Datasheet
96Kb / 8P
Electronic device circuit breaker - CB E1 24DC/2A S-C P
18.01.2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com