Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4962 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4962
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962 Datasheet(HTML) 3 Page - STMicroelectronics

  L4962 Datasheet HTML 1Page - STMicroelectronics L4962 Datasheet HTML 2Page - STMicroelectronics L4962 Datasheet HTML 3Page - STMicroelectronics L4962 Datasheet HTML 4Page - STMicroelectronics L4962 Datasheet HTML 5Page - STMicroelectronics L4962 Datasheet HTML 6Page - STMicroelectronics L4962 Datasheet HTML 7Page - STMicroelectronics L4962 Datasheet HTML 8Page - STMicroelectronics L4962 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Symbol
Parameter
Test Condition s
Min.
Typ.
Max.
Unit
DYNAMIC CHARACTERISTICS
Vo
Output voltage range
Vi = 46V
Io =1A
Vref
40
V
Vi
Input voltage range
Vo =Vref to 36V
Io = 1.5A
9
46
V
∆ Vo
Line regulation
Vi = 10V to 40V
Vo =Vref
Io =1A
15
50
mV
∆ Vo
Load regulation
Vo =Vref
Io = 0.5A to 1.5A
8
20
mV
Vref
Internal reference voltage
(pin 10)
Vi = 9V to 46V
Io = 1A
5
5.1
5.2
V
∆ Vref
∆ T
Average temperature
coefficient of refer. voltage
Tj =0
°C to 125°C
Io =1A
0.4
mV/
°C
Vd
Dropout voltage
Io = 1.5A
1.5
2
V
Iom
Maximum operating load
current
Vi = 9V to 46V
Vo =Vref to 36V
1.5
A
I2L
Current limiting threshold
(pin 2)
Vi = 9V to 46V
Vo =Vref to 36V
2
3.3
A
ISH
Input average current
Vi = 46V;
output short-circuit
15
30
mA
η
Efficiency
f = 100KHz
Vo =Vref
70
%
Io =1A
Vo = 12V
80
%
SVR
Supply voltage ripple
rejection
∆ Vi =2Vrms
fripple = 100Hz
Vo =Vref
Io = 1A
50
56
dB
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tj =25
°C, Vi = 35V, unless otherwise
specified)
HEPTAWATT
POWERDIP
NAME
FUNCTION
4
4, 5, 12, 13
GROUND
Common ground terminal.
5
14
OSCILLATOR
A parallel RC network connected to this terminal
determines the switching frequency. This pin must be
connected to pin 7 input when the internal oscillator is
used.
6
15
SOFT START
Soft start time constant. A capacitor is connected
between this terminal and ground to define the soft start
time constant. This capacitor also determines the
average short circuit output current.
7
2
OUTPUT
Regulator output.
1, 3, 6,
8, 9, 16
N.C.
PIN FUNCTIONS (cont’d)
3/15
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com