Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000LED Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2000LED
Description  Woodhead® LED Tube Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2000LED Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2000LED Datasheet HTML 1Page - Molex Electronics Ltd. 2000LED Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Woodhead® LED Tube Light
Improving on the extremely durable tube light design,
the Woodhead® LED Tube Light replaces fluorescent
lamps with LED’s to boost reliability, efficiency and
lamp life
Aerospace and Defense
Aircraft assembly and maintenance
Industrial
Manufacturing
Shipyards
Applications
Features and Benefits
Shipyards
Two Length Options
Woodhead® LED Tube Light
Rubber Endcaps and reinforced
center channel
Make this an extremely durable
temporary LED fixture
Four 4-foot LED T10 Tube Lights
LED Tube lights replace fluorescent versions for better durability and
efficiency. Eliminates disposal burdens presented by the mercury in
fluorescent lamps
No Ballast Required
Shortens and lightens the fixture
compared to a fluorescent fixture
16/3 SOOW Output Cord
Utilizes NEMA 5-15
Watertite Connector with
closure cap for enhanced
durability
Velcro Straps
Enables custom
mounting


Similar Part No. - 2000LED

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
More results

Similar Description - 2000LED

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT31180WD A-BRIGHT-AB-FT31180WD Datasheet
175Kb / 4P
LED Fluorescent Tube Light
AB-FT31193WC A-BRIGHT-AB-FT31193WC Datasheet
185Kb / 4P
LED Fluorescent Tube Light
AB-FT42080SWD A-BRIGHT-AB-FT42080SWD Datasheet
175Kb / 4P
LED Fluorescent Tube Light
AB-FT42080WD A-BRIGHT-AB-FT42080WD Datasheet
175Kb / 4P
LED Fluorescent Tube Light
AB-FT42093SWC A-BRIGHT-AB-FT42093SWC Datasheet
185Kb / 4P
LED Fluorescent Tube Light
AB-FT42093WC A-BRIGHT-AB-FT42093WC Datasheet
185Kb / 4P
LED Fluorescent Tube Light
AB-FT150693SWC A-BRIGHT-AB-FT150693SWC Datasheet
185Kb / 4P
LED Fluorescent Tube Light
AB-FT150693WC A-BRIGHT-AB-FT150693WC Datasheet
185Kb / 4P
LED Fluorescent Tube Light
logo
Rohm
R-FAC20BN1 ROHM-R-FAC20BN1 Datasheet
1Mb / 3P
2ft LED tube Light
R-FAC40BN1 ROHM-R-FAC40BN1 Datasheet
1Mb / 3P
4ft LED tube Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com