Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2010LED Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2010LED
Description  Woodhead® LED Tube Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2010LED Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2010LED Datasheet HTML 1Page - Molex Electronics Ltd. 2010LED Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Molex
Order No. 987651-4861
USA/0k/GF/2016.06
Ordering Information
Specifications
REFERENCE INFORMATION
Reference Information
Packaging: Box
UL File No.: cULus E174254
Designed In: Inches
ELECTRICAL
Fixture Voltage (max.): 120V
Wattage: 4 Foot Lamp: 72W at 0.6A
2 Foot Lamp: 40W at 0.33A
Lamp Type: 4 x T10 LED
Cord Type: 16/3 SOOW
Luminosity: 4 Foot Lamp: 7200 Lumens
2 Foot Lamp: 4000 Lumens
Lamp Life: 50,000 hours
Color Temperature: 5,500K
Input: NEMA 5-15 Watertite Plug
Output: NEMA 5-15 Watertite
Connector with Closure Cap
PHYSICAL
Lamp Guard: Clear Butyrate
End Caps: Yellow Paracril OZO Rubber
Cord Material: 16/3 SOOW
Bumpers: Black Nitrile Rubber
Order No.
Woodhead No.
Lamp Length (feet)
Fixture Luminosity
Power
Feed Through
Cord Length (feet)
130108-0300
2000LED
4
7200 Lumens
72W
No
25.0
130108-0301
2001LED
Yes
130108-0302
2002LED
Yes
4.0
130108-0303
2003LED
No
130108-0304
2010LED
2
4000 Lumens
40W
No
25.0
130108-0305
2011LED
Yes
130108-0306
2012LED
Yes
4.0
130108-0307
2013LED
No
www.molex.com/product/wide_area_lighting.html
Woodhead® LED Tube Light



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com