Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2370 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2370
Description  3V LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2370 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2370 Datasheet HTML 1Page - RF Micro Devices RF2370 Datasheet HTML 2Page - RF Micro Devices RF2370 Datasheet HTML 3Page - RF Micro Devices RF2370 Datasheet HTML 4Page - RF Micro Devices RF2370 Datasheet HTML 5Page - RF Micro Devices RF2370 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
RF2370
Rev A7 DS071115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
V
DC
Input RF Level
+5 (see note)
dBm
Current Drain, ICC
32
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
NOTE: Exceeding any one or a combination of the above maximum rating lim-
its may cause permanent damage. Input RF transients to +15dBm will not
harm the device. For sustained operation at inputs >+5dBm, a small dropping
resistor is recommended in series with the VCC in order to limit the current due
to self-biasing to <32mA.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
TAMB=+25°C, VCC=3.0V
Frequency Range
900
4000
MHz
WLAN Low Noise Amplifier
Frequency
2450
MHz
HIGH GAIN MODE
Gain Select<0.8V, VBIAS=3V, T=+25°C
Gain
12.0
14.0
dB
Noise Figure
1.3
1.5
dB
Input IP3
+7.0
dBm
IIP3 will improve if ICC is raised above 7mA.
Output VSWR
1.7:1
2:1
Current Drain
7
mA
BYPASS MODE
Gain Select>1.8V, VBIAS=0V
Gain
-4.0
-3.0
-2.0
dB
Note: Bypass mode insertion loss will degrade
gradually as VCC goes below 2.7V.
Input IP3
+16.0
+20.0
dBm
Output VSWR
1.6:1
Current Drain
2.0
3.0
mA
Power Supply
Voltage (VCC)3
V
VSELECT Low
0.8
V
High Gain mode.
Select<0.8V, VBIAS=3V
VSELECT High
1.8
V
Low Gain mode.
Select>1.8V, VBIAS=0V
Power Down
0
10
μA
Gain Select<0.8V, VBIAS=0V, VCC=3.0V
Bias note: Due to the presence of ESD protection circuitry on the RF2370, the maximum allowable collector bias voltage (pin 4) is 4.0V. Higher
supply voltages such as 5V are permissible if a series resistor is used to drop VCC to <4.0V for a given ICC.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com