Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32D Datasheet(PDF) 2 Page - Huizhou Songlong Lishang Electronics Co., LTD

Part # 32D
Description  VDR Varistor 32D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLONG [Huizhou Songlong Lishang Electronics Co., LTD]
Direct Link  http://english.vdrsas.com.cn/
Logo SONGLONG - Huizhou Songlong Lishang Electronics Co., LTD

32D Datasheet(HTML) 2 Page - Huizhou Songlong Lishang Electronics Co., LTD

  32D Datasheet HTML 1Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 2Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 3Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 4Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 5Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 6Page - Huizhou Songlong Lishang Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
惠州市嵩隆力上电子
VDR Varistor
SONGLONG LISHANG
32D SERIES
METAL OXIDE VARISTOR – 32D SERIES
FEATURES
* Wide operating voltage (V1mA) range from 33V to 1600V.
* Fast responding to transient over-voltage.
* Large absorbing transient energy capability.
* Low clamping ratio and no follow-on current.
* Meets MSL level 1, per J-STD-020
* Safety number :
E317616 ISO9001-2018
APPLICATION
*Transistor, Diode, IC, Thyristor or Triac semiconductor protection.
* Surge protection in consumer electronics.
* Surge protection in industrial electronics.
* Surge protection in electronic home appliances, gas and petroleum appliances.
* Relay and electromagnetic valve surge absorption.
General Characteristics Definition
*Operating Temperature:
(-40 ℃ ~ +85 ℃ )
*Storage Temperature:
(-40 oC ~ +125 oC)
*Working Surface Temperature:
+115 oC
*Insulation Resistance:
> 100M Ω
*Coating (Epoxy Resin):
Flame-Retardant to UL 94 V-0
Material
*Coating:
Epoxy Resin
*Lead Wire:
The Copper Wire
*Electrode:
Silver
Solder
*Disk:
Zinc Oxide
PART NUMBER CODE
VDR
□□
D
□□□ K
□□
□
Brand Mark
Sapce:Straight foot
Element Diameter
Short leg : NO : □.□
Type: D: Disk , S: Square
CB:Outer bend
Varistor Voltage
I:Inner bend
K:Small K foot
Y:High and low feet
J :High Surge
PH=Ultra Surge
TA : Ammo, TR : Reel
1□=Combinatorial wave
2□=Times
T & G is Horizontal patch
Tolerance : K±10%, L±15%
Sapce is 85℃
"H" is125℃
Page-1
www.vdrsas.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com