Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8723 Datasheet(PDF) 4 Page - SOUTHCHIP Semiconductor Technology

Part # SC8723
Description  SC8723 High Efficiency, Synchronous, 3.5A Buck-Boost Converter with Four Integrated MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOUTHCHIP [SOUTHCHIP Semiconductor Technology]
Direct Link  https://www.southchip.com/en
Logo SOUTHCHIP - SOUTHCHIP Semiconductor Technology

SC8723 Datasheet(HTML) 4 Page - SOUTHCHIP Semiconductor Technology

  SC8723 Datasheet HTML 1Page - SOUTHCHIP Semiconductor Technology SC8723 Datasheet HTML 2Page - SOUTHCHIP Semiconductor Technology SC8723 Datasheet HTML 3Page - SOUTHCHIP Semiconductor Technology SC8723 Datasheet HTML 4Page - SOUTHCHIP Semiconductor Technology SC8723 Datasheet HTML 5Page - SOUTHCHIP Semiconductor Technology SC8723 Datasheet HTML 6Page - SOUTHCHIP Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SC8723 PRELIMINARY SPEC
SOUTHCHIP SEMICONDUCTOR
SOUTHCHIP CONFIDENTIAL, SUBJECT TO CHANGE
Copyright © 2021, Southchip Semiconductor Technology (Shanghai) Co., Ltd.
4
11
VCC
PWR
Output of an internal regulator. Connect a 1 µF ceramic capacitor from VCC to PGND pin close to
the IC. The regulator provides supply for internal gate drivers.
12
MODE
I
Mode selection pin. Logic high level sets the device working in force PWM mode; logic low level or
floating sets the device working in PSM mode. Connect to PGND to extend thermal performance if
PSM mode is used.
15,16
VOUT
PWR
The power output node of the converter. Output voltage feedback node when FB short to ground
is detected.
17
BT2
PWR
Connect a 100nF ceramic capacitor between BT2 pin and SW2 pin to provide the boosted bias
voltage for high side gate driver.
18,19
SW2
PWR
Switching Node 2. Connect to inductor. Connect a 100nF ceramic capacitor between BT2 pin and
SW2 pin to provide the boosted bias voltage for high side gate driver.
20
,21
SW1
PWR
Switching Node 1. Connect to inductor. Connect a 100nF ceramic capacitor between BT1 pin and
SW1 pin to provide the boosted bias voltage for high side gate driver.
22
BT1
PWR
Connect a 100nF ceramic capacitor between BT1 pin and SW1 pin to provide the boosted bias
voltage for high side gate driver.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com