Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8723QFKR Datasheet(PDF) 3 Page - SOUTHCHIP Semiconductor Technology

Part # SC8723QFKR
Description  SC8723 High Efficiency, Synchronous, 3.5A Buck-Boost Converter with Four Integrated MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOUTHCHIP [SOUTHCHIP Semiconductor Technology]
Direct Link  https://www.southchip.com/en
Logo SOUTHCHIP - SOUTHCHIP Semiconductor Technology

SC8723QFKR Datasheet(HTML) 3 Page - SOUTHCHIP Semiconductor Technology

  SC8723QFKR Datasheet HTML 1Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 2Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 3Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 4Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 5Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 6Page - SOUTHCHIP Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SC8723 PRELIMINARY SPEC
SOUTHCHIP SEMICONDUCTOR
SOUTHCHIP CONFIDENTIAL, SUBJECT TO CHANGE
Copyright © 2021, Southchip Semiconductor Technology (Shanghai) Co., Ltd.
3
6
Terminal Configuration and Functions
Top View
VIN
PGND
PGND
PGND
VOUT
VOUT
VIN
1
3
4
14 PGND
2
5
12
15
16
EN
MODE
13
TERMINAL
I/O
DESCRIPTION
NUMBER
NAME
1,2
VIN
PWR
The power input node of the converter.
3,4,13,14
PGND
PWR
Power ground. User shall connect PGND and AGND together on PCB.
5
EN
I
Enable logic input. Logic high level enables the device and logic low level disables the device.
6
ILIM
I
Connect a resistor to set the current limit value of output current.
7
COMP
I
Connect a RC network to compensate the control loop.
8
AGND
I/O
Analog ground. User shall connect PGND and AGND together on PCB.
9
FB
I
Feedback node of VOUT output voltage. Set the VOUT output voltage by the resistor divider
connected at this pin. Output voltage be configured for fixed 5.1V with FB pin connected to GND.
10
FREQ
I
Set typical switching frequency of the device.
FREQ pin ties to AGND: 250kHz (RFREQ <20KΩ)
FREQ pin keeps floating: 500kHz (RFREQ >700KΩ)
50 KΩ < R
FREQ < 80KΩ: 750kHz
180
KΩ < R
FREQ < 320KΩ: 1MHZ
The FREQ pin status is re-loaded when VIN power cycle or EN from low to high.
TEL:17512016690 QQ:1843079631



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com