Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-2P2 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

Part # TP-2P2
Description  TRRANSSFFORRMEERRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

TP-2P2 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  TP-2P2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION TP-2P2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION TP-2P2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION TP-2P2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION TP-2P2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TRANSFORMERS
TRANSFORMERS
[ 151 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
NOTE:
All devices shown have 1 Watt Power Rating
NOTE:
All devices shown have 1 Watt Power Rating
8 PIN - MINIATURE RELAY HEADER
CONNECTORIZED PACKAGE
IMPEDANCE
CENTER
FREQUENCY
BANDWIDTH (MHz) for
FIGURE
PIN-OUT
RATIO
TAP
INSERTION-LOSS
(See
PACKAGE
(See
MODEL
PRI : SEC
PRI
SEC
(MHz)
1dB
2dB
3dB
Below)
Below)
IMPEDANCE
CENTER
FREQUENCY
BANDWIDTH (MHz) for
FIGURE
PIN-OUT
RATIO
TAP
INSERTION-LOSS
(See
PACKAGE
(See
MODEL
PRI : SEC
PRI
SEC
(MHz)
1dB
2dB
3dB
Below)
Below)
For pin location and package outline drawings, see back pages.
PIN-OUT TABLE
Primary
Primary
Primary
Secondary Secondary Secondary
Case
DOT
Center-Tap
DOT
Center-Tap
Ground
# 1
1
5-
2
64
7,8
# 2
1
5
-
2
6
-
7,8
# 3
-
Balanced
-
-
Unbalanced
-
-
# 4
1
*6
-
2
*6
-
7.8
* Pin must be grounded
FIGURE 2
FIGURE 1
FIGURE 3
FIGURE 4
FIGURE 5
1:2.5
No
Yes
0.01-100
0.05-20
0.02-50
0.01-100
1
107
1
TP-2C1
1:4
No
No
0.02-200
0.1-100
0.05-150
0.02-200
2
107
2
TP-2K2
1:1.5
No
No
0.1-400
5-100
1-200
0.1-400
4
118
4
TK-701B
1:1
No
No
0.01-125
0.1-25
0.05-50
0.01-125
5
118
3
TK-702B
1:1
No
No
0.2-500
1-100
0.5-300
0.2-500
5
118
3
TK-703B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com